Electronic Components Datasheet Search
  English  ▼

X  

AD6624 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6624
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6624 Datasheet HTML 13Page - Analog Devices AD6624 Datasheet HTML 14Page - Analog Devices AD6624 Datasheet HTML 15Page - Analog Devices AD6624 Datasheet HTML 16Page - Analog Devices AD6624 Datasheet HTML 17Page - Analog Devices AD6624 Datasheet HTML 18Page - Analog Devices AD6624 Datasheet HTML 19Page - Analog Devices AD6624 Datasheet HTML 20Page - Analog Devices AD6624 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
REV. B
AD6624
–17–
It also allows the AD6624 to be tailored in a system that employs
the AD6600, but does not utilize all of its signal range. For
example, if only the first four RSSI ranges are expected to occur,
the ExpOff could be adjusted to five, which would then make
RSSI = 4 correspond to the 0 dB point of the AD6624.
D10 (MSB)
AD6600
D0 (LSB)
AD6624
IN13
IN2
IN1
IN0
IEN
EXP2
EXP1
EXP0
RSSI2
RSSI1
RSSI0
AB_OUT
Figure 25. Typical Interconnection of the AD6600 Gain-
Ranging ADC and the AD6624
NUMERICALLY CONTROLLED OSCILLATOR
Frequency Translation
This processing stage comprises a digital tuner consisting of two
multipliers and a 32-bit complex NCO. Each channel of the
AD6624 has an independent NCO. The NCO serves as a quadra-
ture local oscillator capable of producing an NCO frequency
between –CLK/2 and +CLK/2 with a resolution of CLK/2
32 in
the complex mode. The worst-case spurious signal from the NCO
is better than –100 dBc for all output frequencies.
The NCO frequency value in registers 0x85 and 0x86 are inter-
preted as a 32-bit unsigned integer. The NCO frequency is
calculated using the equation below.
NCO FREQ
f
CLK
CHANNEL
_mod
=×


2
32
(2)
NCO_FREQ is the 32-bit integer (Registers 0x85 and 0x86),
fCHANNEL is the desired channel frequency, and
CLK
* is the AD6624 master clock rate (CLK).
*See NCO Mode Control section.
NCO Frequency Hold-Off Register
When the NCO Frequency registers are written, data is actually
passed to a shadow register. Data may be moved to the main
registers by one of two methods. The first is to start the chip
using the soft sync feature, which will directly load the NCO
registers. The second allows changes to be pre-written and then
updated through direct software control. To accomplish this,
there is an NCO Frequency Hold-Off Counter. The counter
(0x84) is a 16-bit unsigned integer and is clocked at the master
CLK rate. This hold-off counter is also used in conjunction with
the frequency hopping feature of this chip.
Phase Offset
The phase offset register (0x87) adds an offset to the phase
accumulator of the NCO. This is a 16-bit register and is inter-
preted as a 16-bit unsigned integer. A 0x0000 in this register
corresponds to a 0 radian offset and a 0xFFFF corresponds to
an offset of 2
π (1–1/(216)) radians. This register allows multiple
NCOs to be synchronized to produce sine waves with a known
and steady phase difference.
NCO Control Register
The NCO control register located at 0x88 is used to configure
the features of the NCO. These are controlled on a per-channel
basis. These are described below.
Bypass
The NCO in the front end of the AD6624 can be bypassed.
Bypass mode is enabled by setting Bit 0 of 0x88 high. When
they are bypassed, down conversion is not performed and the
AD6624 channel functions simply serve as a real filter on com-
plex data. This is useful for passband sampling applications
where the A input is connected to the I signal path within the
filter, and the B input is connected to the Q signal path. This may
be desired if the digitized signal has already been converted to
pass band in prior analog stages or by other digital preprocessing.
Phase Dither
The AD6624 provides a phase dither option for improving the
spurious performance of the NCO. Phase dither is enabled by
setting Bit 1. When phase dither is enabled by setting this bit
high, spurs due to phase truncation in the NCO are random-
ized. The energy from these spurs is spread into the noise floor
and Spurious Free Dynamic Range is increased at the expense
of very slight decreases in the SNR. The choice of whether
phase dither is used in a system will ultimately be decided by the
system goals. If lower spurs are desired at the expense of a slightly
raised noise floor, it should be employed. If a low noise floor is
desired and the higher spurs can be tolerated or filtered by
subsequent stages, phase dither is not needed.
Amplitude Dither
Amplitude dither can also be used to improve spurious perfor-
mance of the NCO. Amplitude dither is enabled by setting Bit 2.
Amplitude dither improves performance by randomizing the
amplitude quantization errors within the angular to Cartesian
conversion of the NCO. This option may reduce spurs at the
expense of a slightly raised noise floor. Amplitude dither and
phase dither can be used together, separately, or not at all.
Clear Phase Accumulator on HOP
When Bit 3 is set, the NCO phase accumulator is cleared prior
to a frequency hop. This ensures a consistent phase of the NCO
on each hop. The NCO phase offset is unaffected by this setting
and is still in effect. If phase-continuous hopping is desired, this
bit should be cleared and the last phase in the NCO phase regis-
ter will be the initiating point for the new frequency.
Input Enable Control
There are four different modes of operation for the input enable.
Each of the high-speed input ports includes an IEN line. Any of
the four filter channels can be programmed to take data from
either of the two A or B Input Ports (see WB Input Select section).
Along with data is the IEN(A,B) signal. Each filter channel can
be configured to process the IEN signal in one of four modes.
Three of the modes are associated with when data is processed
based on a time division multiplexed data stream. The fourth
mode is used in applications that employ time division duplex
such as radar, sonar, ultrasound, and communications that
involve TDD.
Mode 00: Blank On IEN Low
In this mode, data is blanked while the IEN line is low. During the
period of time when the IEN line is high, new data is strobed
on each rising edge of the input clock. When the IEN line is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com