Electronic Components Datasheet Search
  English  ▼

X  

AD7367ARUZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7367ARUZ
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7367ARUZ Datasheet HTML 12Page - Analog Devices AD7367ARUZ Datasheet HTML 13Page - Analog Devices AD7367ARUZ Datasheet HTML 14Page - Analog Devices AD7367ARUZ Datasheet HTML 15Page - Analog Devices AD7367ARUZ Datasheet HTML 16Page - Analog Devices AD7367ARUZ Datasheet HTML 17Page - Analog Devices AD7367ARUZ Datasheet HTML 18Page - Analog Devices AD7367ARUZ Datasheet HTML 19Page - Analog Devices AD7367ARUZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD7329
Rev. 0 | Page 16 of 40
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk
between any two channels. It is measured by applying a full-scale,
100 kHz sine wave signal to all unselected input channels and
determining the degree to which the signal attenuates in the
selected channel with a 50 kHz signal. Figure 14 shows the
worst-case across all eight channels for the AD7329. The analog
input range is programmed to be ±2.5 V on the selected channel
and ±10 V on all other channels.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n are equal to 0. For example,
the second-order terms include (fa + fb) and (fa − fb), whereas
the third-order terms include (2fa + fb), (2fa − fb), (fa + 2fb),
and (fa − 2fb).
The AD7329 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, whereas the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion is
per the THD specification, where it is the ratio of the rms sum
of the individual distortion products to the rms amplitude of
the sum of the fundamentals expressed in decibels.
PSR (Power Supply Rejection)
Variations in power supply affect the full-scale transition but
not the linearity of the converter. Power supply rejection is the
maximum change in the full-scale transition point due to a
change in power supply voltage from the nominal value (see the
Typical Performance Characteristics section).
CMRR (Common-Mode Rejection Ratio)
CMRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV sine wave
applied to the common-mode voltage of the VIN+ and VIN−
frequency, fS, as
CMRR (dB) = 10 log (Pf/PfS)
where Pf is the power at frequency f in the ADC output, and PfS
is the power at frequency fS in the ADC output (see Figure 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com