Electronic Components Datasheet Search
  English  ▼

X  

AD7367ARUZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7367ARUZ
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7367ARUZ Datasheet HTML 17Page - Analog Devices AD7367ARUZ Datasheet HTML 18Page - Analog Devices AD7367ARUZ Datasheet HTML 19Page - Analog Devices AD7367ARUZ Datasheet HTML 20Page - Analog Devices AD7367ARUZ Datasheet HTML 21Page - Analog Devices AD7367ARUZ Datasheet HTML 22Page - Analog Devices AD7367ARUZ Datasheet HTML 23Page - Analog Devices AD7367ARUZ Datasheet HTML 24Page - Analog Devices AD7367ARUZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD7329
Rev. 0 | Page 21 of 40
This voltage is set up externally, and its range varies with
reference voltage. As the reference voltage increases, the
common-mode range decreases. When driving the differential
inputs with an amplifier, the actual common-mode range is
determined by the amplifier’s output swing. If the differential
inputs are not driven from an amplifier, the common-mode
range is determined by the supply voltage on the VDD supply pin
and the VSS supply pin.
When a conversion takes place, the common mode is rejected,
resulting in a noise-free signal of amplitude −2 × (4 × VREF) to +2 ×
(4 × VREF), corresponding to Digital Codes −4096 to +4095.
±16.5V VDD/VSS
±12V VDD/VSS
5
–6
4
3
2
1
0
–1
–2
–3
–4
–5
VCC = 3V
VREF = 3V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 38. Common-Mode Range for VCC = 3 V and REFIN/REFOUT = 3 V
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 5V
VREF = 3V
8
–4
6
4
2
0
–2
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 39. Common-Mode Range for VCC = 5 V and REFIN/REFOUT = 3 V
6
–8
4
2
0
–2
–4
–6
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 3V
VREF = 2.5V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 40. Common-Mode Range for VCC = 3 V and REFIN/REFOUT = 2.5 V
8
–8
6
4
2
0
–2
–4
–6
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 5V
VREF = 2.5V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 41. Common-Mode Range for VCC = 5 V and REFIN/REFOUT = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com