Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 6.0 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS12600CF8T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−12
−
−
Vdc
Collector −Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−12
−
−
Vdc
Emitter −Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−7.0
−
−
Vdc
Collector Cutoff Current
(VCB = −12 Vdc, IE = 0)
ICBO
−
−
−0.1
mAdc
Emitter Cutoff Current
(VEB = −7.0 Vdc)
IEBO
−
−
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = −10 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = −2.0 A, VCE = −2.0 V)
(IC = −3.0 A, VCE = −2.0 V)
hFE
250
250
250
200
180
−
−
300
−
−
−
−
−
−
−
Collector −Emitter Saturation Voltage (Note 4)
(IC = −0.1 A, IB = −0.010 A) (Note 5)
(IC = −1.0 A, IB = −0.100 A)
(IC = −1.0 A, IB = −0.010 A)
(IC = −2.0 A, IB = −0.020 A)
(IC = −3.0 A, IB = −0.030 A)
(IC = −4.0 A, IB = −0.400 A)
VCE(sat)
−
−
−
−
−
−
−0.005
−0.045
−0.070
−0.095
−0.120
−0.140
−0.010
−0.060
−0.080
−0.120
−0.160
−0.170
V
Base −Emitter Saturation Voltage (Note 4)
(IC = −1.0 A, IB = −0.01 A)
VBE(sat)
−
−
−0.95
V
Base −Emitter Turn−on Voltage (Note 4)
(IC = −2.0 A, VCE = −3.0 V)
VBE(on)
−
−
−0.95
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
−
−
MHz
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
−
−
800
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
−
−
300
pF
SWITCHING CHARACTERISTICS
Delay (VCC = −10 V, IC = 750 mA, IB1 = 15 mA)
td
−
−
130
ns
Rise (VCC = −10 V, IC = 750 mA, IB1 = 15 mA)
tr
−
−
220
ns
Storage (VCC = −10 V, IC = 750 mA, IB1 = 15 mA)
ts
−
−
350
ns
Fall (VCC = −10 V, IC = 750 mA, IB1 = 15 mA)
tf
−
−
240
ns
4. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.
5. Guaranteed by design but not tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com