Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 6.0 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 4 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS12600CF8T1G
http://onsemi.com
4
VCE (Vdc)
Figure 7. Input Capacitance
VEB, EMITTER BASE VOLTAGE (V)
0
700
650
450
350
300
3.0
1.0
2.0
400
900
850
5.0
4.0
6.0
0.01
0.1
1.0
10
1.0
10
100
Cibo (pF)
Figure 8. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
0
450
400
300
150
2.0
350
4.0
6.0
10
Cobo (pF)
Figure 9. Safe Operating Area
8.0
1.0 mS
10 mS
100 mS
1.0 S
Thermal
Limit
0.1
12
200
250
600
500
550
800
750
0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com