Electronic Components Datasheet Search
  English  ▼

X  

BSP126 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP126
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP126 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP126 Datasheet HTML 1Page - NXP Semiconductors BSP126 Datasheet HTML 2Page - NXP Semiconductors BSP126 Datasheet HTML 3Page - NXP Semiconductors BSP126 Datasheet HTML 4Page - NXP Semiconductors BSP126 Datasheet HTML 5Page - NXP Semiconductors BSP126 Datasheet HTML 6Page - NXP Semiconductors BSP126 Datasheet HTML 7Page - NXP Semiconductors BSP126 Datasheet HTML 8Page - NXP Semiconductors BSP126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP126
Fig.4 Power derating curve.
handbook,
0
50
100
200
2
0
1.6
150
1.2
0.8
0.4
MBB693
Ptot
(W)
Tamb (°C)
Fig.5
Output characteristics; Tj =25 °C; typical
values.
handbook, halfpage
010
2
0
0.4
0.8
1.2
1.6
24
6
ID
(A)
8
MDA712
VDS (V)
VGS = 10 V
2 V
4 V
3 V
6 V
5 V
Fig.6
Transfer characteristic; VDS = 10 V;
Tj =25 °C; typical value.
handbook, halfpage
010
2
0
0.4
0.8
1.2
1.6
24
6
ID
(A)
8
MDA713
VGS (V)
Fig.7
On-resistance as a function of drain current;
Tj =25 °C; typical values.
handbook, halfpage
16
0
48
RDSon (Ω)
ID
(mA)
12
104
103
102
10
MDA714
VGS = 10 V 5 V
4 V
3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com