Electronic Components Datasheet Search
  English  ▼

X  

BSP126 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP126
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP126 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSP126 Datasheet HTML 2Page - NXP Semiconductors BSP126 Datasheet HTML 3Page - NXP Semiconductors BSP126 Datasheet HTML 4Page - NXP Semiconductors BSP126 Datasheet HTML 5Page - NXP Semiconductors BSP126 Datasheet HTML 6Page - NXP Semiconductors BSP126 Datasheet HTML 7Page - NXP Semiconductors BSP126 Datasheet HTML 8Page - NXP Semiconductors BSP126 Datasheet HTML 9Page - NXP Semiconductors BSP126 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP126
Fig.8
typical values.
k
R
DS on
() at Tj
R
DS on
() at 25 °C
----------------------------------------------
;
=
handbook, half age
−50
0
50
150
2.8
0.4
2.4
2
100
1.6
1.2
0.8
MDA717
k
Tj (°C)
(1)
(2)
Fig.9
VGS(th) at 1 mA;
typical values.
k
V
GS th
() at Tj
V
GS th
() at 25 °C
---------------------------------------------
;
=
handbook, halfpage
−50
0
50
Tj (°C)
k
150
1.4
1.2
0.8
0.6
1
100
MDA716
Fig.10 Capacitances as a function of drain-source
voltage; VGS = 0; f = 1 MHz; Tj =25 °C;
typical values.
handbook, halfpage
025
200
0
40
80
120
160
510
15
C
(pF)
20
MDA715
VDS (V)
Crss
Ciss
Coss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com