Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7631
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 1 Page - Analog Devices

  AD7631 Datasheet HTML 1Page - Analog Devices AD7631 Datasheet HTML 2Page - Analog Devices AD7631 Datasheet HTML 3Page - Analog Devices AD7631 Datasheet HTML 4Page - Analog Devices AD7631 Datasheet HTML 5Page - Analog Devices AD7631 Datasheet HTML 6Page - Analog Devices AD7631 Datasheet HTML 7Page - Analog Devices AD7631 Datasheet HTML 8Page - Analog Devices AD7631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
18-Bit 250/670 kSPS PulSAR®
Bipolar Programmable Inputs ADC
Preliminary Technical Data
AD7631/AD7634
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Multiple pins/software programmable input ranges:
±10V, ±5V, 10V, 5V
iCMOS™ process technology
Pins or serial SPI input ranges/mode selection
Throughput:
670kSPS (AD7634)
250kSPS (AD7631)
INL: ± 1.75 LSB (7± ppm of full scale)
DNL: +2/-1 LSB
18-bit resolution with no missing codes
Dynamic range: 102.5 dB typical
SNR: 101 dB typical
THD: -122 dB typical
5V internal reference: typical drift 7ppm/°C; TEMP output
No pipeline delay (SAR architecture)
Parallel (18, 16- or 8-bit bus) and serial 5 V/3.3 V interface
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
Power dissipation:
1
90 mW @ 670kSPS
75 mW @ 250kSPS
Pb-free 48-lead LQFP and LFCSP (7x7mm) packages
Pin compatible with other PulSAR ADCs
APPLICATIONS
Process control
High speed data acquisition
Digital signal processing
Spectrum analysis
Instrumentation
Communications
GENERAL DESCRIPTION
The AD7631/AD7634 is an18-bit, charge redistribution
successive approximation register (SAR) architecture analog-to-
digital converter (ADC) with programmable input ranges and
mode selection via a dedicated write only serial interface (or by
hardware pin-strapping). The device is fabricated on ADI’s
patented iCMOS high voltage process. The device contains a
high speed 18-bit sampling ADC, an internal conversion clock,
an internal reference (and buffer), and both serial and parallel
system interface ports. Power consumption is automatically
scaled with throughput (AD7634 in Impulse mode), making it
ideal for battery-powered applications. It is available in Pb-free,
48-lead packages with operation specified from −40°C to
+85°C.
FUNCTIONAL BLOCK DIAGRAM
18
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7631/
AD7634
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
IN-
PD
RESET
CNVST
PDBUF
REFBUFIN
PDREF
REF
TEMP
D[17:0]
BUSY
RD
CS
D0/OB/2C
OGND
OVDD
REF AMP
SERIAL DATA
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
VCC VEE
WARP IMPULSE
SERIAL
PROGRAMMABLE
PORT
SPPDATA
SPPCLK
SPPEN
HW/SW
MODE0
MODE1
Figure 1.
Table 1. PulSAR® Selection
Type/kSPS
100 to
250
500 to
570
650 to
1000
>1000
Pseudo
Differential
AD7651,
AD7660
AD7661
AD7650
AD7652
AD7664
AD7666
AD7653
AD7667
True Bipolar
AD7610,
AD7663
AD7665
AD7612,
AD7671
True
Differential
AD7675
AD7676
AD7677
AD7621
AD7622
AD7623
18-Bit
Multichannel/
AD7631
AD7678
AD7679
AD7634
AD7674
AD7641
AD7643
Simultaneous
AD7654
AD7655
PRODUCT HIGHLIGHTS
1.
Programmable input range and mode selection.
Dedicated write only serial port used for selecting input
range and mode select (mode select AD7634 only).
2.
Fast throughput
The AD7634 is 670kSPS and the AD7631 is 250kSPS.
3.
Superior Linearity.
No missing 18-bit code. +/- 1.75 LSB typical INL
4.
Internal Reference.
5 V internal reference with a typical drift of ±7 ppm/°C
and on-chip TEMP sensor.
5.
Serial or Parallel Interface.
Versatile parallel (18, 16- or 8-bit bus) or 2-wire serial
interface arrangement compatible with 3.3 V, or 5 V logic.


Similar Part No. - AD7631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7631 AD-AD7631 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7631 AD-AD7631 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7631 AD-AD7631 Datasheet
664Kb / 33P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
23-Feb-2017
AD7631 AD-AD7631 Datasheet
587Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7631BCPZ AD-AD7631BCPZ Datasheet
681Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
More results

Similar Description - AD7631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7612 AD-AD7612 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
23-Feb-2017
AD7634 AD-AD7634_17 Datasheet
677Kb / 33P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com