Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7631
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7631 Datasheet HTML 5Page - Analog Devices AD7631 Datasheet HTML 6Page - Analog Devices AD7631 Datasheet HTML 7Page - Analog Devices AD7631 Datasheet HTML 8Page - Analog Devices AD7631 Datasheet HTML 9Page - Analog Devices AD7631 Datasheet HTML 10Page - Analog Devices AD7631 Datasheet HTML 11Page - Analog Devices AD7631 Datasheet HTML 12Page - Analog Devices AD7631 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Technical Data
AD7631/AD7634
Rev. PrC | Page 9 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
BIPOLAR
CNVST
PD
RESET
CS
RD
TEN
AGND
AVDD
MODE0
MODE1
D0/OB/2C
NC = NO CONNECT
D1/A0
D3
D4DIVSCLK[0]
BUSY
D17/SPPEN
D16/SPPCLK
D15/SPPDATA
AD7631/AD7634
D5/DIVSCLK[1]
D14/HW/SW
IMPULSE
WARP
D2/A1
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin
No.
Description
Mnemonic
Type1
1, 42
AGND
P
Analog Power Ground Pin.
2, 44
AVDD
P
Input Analog Power Pins. Nominally 5 V.
3, 4
MODE[0:1]
DI
Data Output Interface Mode Selection.
Interface MODE#
MODE1
MODE0
Description
0
0
0
18-bit interface
1
0
1
16-bit interface
2
1
0
8-bit (byte) interface
3
1
1
Serial interface
5
D0/OB/2C
DI/O
When MODE[1:0] = 0 (18-bit interface mode), this pin is Bit 0 of the parallel port data output bus
and the data coding is straight binary. In all other modes, this pin allows the choice of straight
binary/twos complement. When OB/2C is high, the digital output is straight binary; when low,
the MSB is inverted resulting in a twos complement output from its internal shift register.
6
WARP
DI
AD7634: Conversion Mode Selection. When WARP = high and IMPULSE = low, this selects warp mode.
In this mode, the maximum throughput is achievable, and a minimum conversion rate must be applied
to guarantee full specified accuracy.
When WARP = low and IMPULSE = low, this selects normal mode where full accuracy is maintained
independent of the minimum conversion rate.
AD7631: Connect to DGND.
7
IMPULSE
DI
AD7634: Conversion Mode Selection. When IMPULSE = high and WARP = low, this input selects impulse
mode, a reduced power mode. In this mode, the power dissipation is approximately scaled
proportional to the sampling rate.
AD7631: Connect to DGND.
8
D1/A0
DI/O
When MODE[1:0] = 0, this pin is Bit 1 of the parallel port data output bus. In all other modes, this
input pin controls the form in which data is output as shown in Table 7.
9
D2/A1
DI/O
When MODE[1:0] = 0, this pin is Bit 2 of the parallel port data output bus.
When MODE[1:0] = 1 or 2, this input pin controls the form in which data is output as shown in Table 7.
10
D3
D0
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 3 of the parallel port data output bus.
This pin is always an output, regardless of the interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com