Electronic Components Datasheet Search
  English  ▼

X  

BSP152 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP152
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP152 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP152 Datasheet HTML 1Page - NXP Semiconductors BSP152 Datasheet HTML 2Page - NXP Semiconductors BSP152 Datasheet HTML 3Page - NXP Semiconductors BSP152 Datasheet HTML 4Page - NXP Semiconductors BSP152 Datasheet HTML 5Page - NXP Semiconductors BSP152 Datasheet HTML 6Page - NXP Semiconductors BSP152 Datasheet HTML 7Page - NXP Semiconductors BSP152 Datasheet HTML 8Page - NXP Semiconductors BSP152 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP152
Fig.6 Typical output characteristics.
Tj = 25 °C.
handbook, halfpage
048
12
0
1
2
3
MRC204
V
=
GS
10 V
7 V
6 V
5 V
4.5 V
4 V
3.5 V
P = 1.5 W
ID
(A)
VDS (V)
Fig.7 Typical output characteristics.
Tj = 25 °C.
handbook, halfpage
0
200
400
600
01
23
VGS = 10 V 5 V
4 V
3.5 V
MRC205
ID
(mA)
VDS (V)
Fig.8 Typical transfer characteristics.
VDS = 10 V; Tj = 25 °C.
handbook, halfpage
0
1
2
3
0
246
8
10
MRC206
VDS (V)
ID
(mA)
Fig.9
Drain-source on-resistance as a function of
drain current, typical values.
Tj = 25 °C.
handbook, halfpage
0
1
2
3
4
5
6
0.01
0.1
1
5
RDS(on)
(
Ω)
VGS = 3.5 V 4 V 5 V
MRC208
7
7 V
6 V
8 V
ID (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com