Electronic Components Datasheet Search
  English  ▼

X  

11640-101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 11640-101
Description  PLL Clock Generator IC with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11640-101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  11640-101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
2
4.24.00
FS6128-01
FS6128-01
FS6128-01
FS6128-01
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 2: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN
TYPE
NAME
DESCRIPTION
1
AI
XIN
VCXO Feedback
2
P
VDD
Power Supply (+3.3V)
3
AI
XTUNE
VCXO Tune
4
P
VSS
Ground
5
DO
CLK
Clock Output
6
-
n/c
No Connection
7
DO
VSS
Ground
8
AO
XOUT
VCXO Drive
3.0
Functional Block Description
3.1
Phase-Locked Loop (PLL)
The on-chip PLL is a standard frequency- and phase-
locked loop architecture. The PLL multiplies the reference
oscillator to the desired frequency by a ratio of integers.
The frequency multiplication is exact with a zero synthe-
sis error.
3.2
Voltage-Controlled Crystal
Oscillator (VCXO)
The VCXO provides a tunable, low-jitter frequency refer-
ence for the rest of the FS6128 system components.
Loading capacitance for the crystal is internal to the
FS6128. No external components (other than the reso-
nator itself) are required for operation of the VCXO.
Continuous fine-tuning of the VCXO frequency is accom-
plished by varying the voltage on the XTUNE pin. The
value of this voltage controls the effective capacitance
presented by the VCXO to the crystal.
When using a crystal with a VCXO, it is important that the
crystal load capacitance (as specified in Table 4: Oper-
ating Conditions be matched to the load capacitance as
presented by the VCXO. The crystal must be specified
with the correct load capacitance to obtain the maximum
tuning range.
The oscillator operates the crystal resonator in the paral-
lel-resonant mode. Crystal warping, or the “pulling” of the
crystal oscillation frequency, is accomplished by altering
the effective load capacitance presented to the crystal by
the oscillator circuit. The actual amount that changing the
load capacitance alters the oscillator frequency will be
dependent on the characteristics of the crystal as well as
the oscillator circuit itself.
Specifically, the motional capacitance of the crystal (usu-
ally referred to by crystal manufacturers as C1), the static
capacitance of the crystal (C0), and the load capacitance
(CL) of the oscillator determine the warping capability of
the crystal in the oscillator circuit.
A simple formula to obtain the warping capability of a
crystal oscillator is:
()
() (
)
C
C
C
C
C
C
C
ppm
f
L
L
L
L
1
0
2
0
6
1
2
1
2
10
)
(
+
×
+
×
×
−
×
=
∆
where CL1 and CL2 are the two extremes of the applied
load capacitance.
EXAMPLE:
A crystal with the following parameters is
used. With C1 = 0.02pF, C0 = 5pF, CL1 = 13pF, and CL2
=35pF, the coarse tuning range is
()
() (
)
ppm
.
f
305
13
5
35
5
2
106
13
35
02
0
≈
+
×
+
×
×
−
×
=
∆
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com