Electronic Components Datasheet Search
  English  ▼

X  

11640-101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 11640-101
Description  PLL Clock Generator IC with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11640-101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  11640-101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
4.24.00
FS6128-01
FS6128-01
FS6128-01
FS6128-01
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
1.0
Features
•
Phase-locked loop (PLL) device synthesizes output
clock frequency from crystal oscillator or external ref-
erence clock
•
On-chip tunable voltage-controlled crystal oscillator
(VCXO) allows precise system frequency tuning
•
Typically used for generation of MPEG-2 decoder
clock
•
3.3V supply voltage
•
Small circuit board footprint (8-pin 0.150
″ SOIC)
•
Custom frequency selections available - contact your
local AMI Sales Representative for more information
Figure 1: Pin Configuration
1
8
2
3
4
7
6
5
XIN
VDD
XTUNE
VSS
VSS
n/c
CLK
XOUT
8-pin (0.150
″) SOIC
2.0
Description
The FS6128 is a monolithic CMOS clock generator IC
designed to minimize cost and component count in digital
video/audio systems.
At the core of the FS6128 is circuitry that implements a
voltage-controlled crystal oscillator when an external
resonator (nominally 13.5MHz) is attached. The VCXO
allows device frequencies to be precisely adjusted for use
in systems that have frequency matching requirements,
such as digital satellite receivers.
A high-resolution phase-locked loop generates an output
clock (CLK) through a post-divider. The CLK frequency is
ratiometrically derived from the VCXO frequency. The
locking of the CLK frequency to other system reference
frequencies can eliminate unpredictable artifacts in video
systems and reduce electromagnetic interference (EMI)
due to frequency harmonic stacking.
Table 1: Crystal / Output Frequencies
DEVICE
fXIN (MHz)
CLK (MHz)
XTUNE Range
FS6128-01
13.5
27
0-2 V
NOTE: Contact AMI for custom PLL frequencies
Figure 2: Block Diagram
VCXO
FS6128
PLL
XOUT
XIN
CLK
XTUNE
DIVIDER


Similar Part No. - 11640-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11640-828 ETC1-11640-828 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
11640-838 ETC1-11640-838 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
11640-XXX ETC2-11640-XXX Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
More results

Similar Description - 11640-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
VCXO CLOCK GENERATOR IC
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
VCXO Clock Generator IC
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
Factory Programmable Quad PLL Clock Generator with VCXO
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com