Electronic Components Datasheet Search
  English  ▼

X  

LP502 Datasheet(PDF) 1 Page - Gennum Corporation

Part # LP502
Description  Low Distortion AGC Compression Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LP502 Datasheet(HTML) 1 Page - Gennum Corporation

  LP502 Datasheet HTML 1Page - Gennum Corporation LP502 Datasheet HTML 2Page - Gennum Corporation LP502 Datasheet HTML 3Page - Gennum Corporation LP502 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Patented 1985
Patent Pending Europe 83.300836.0
Canada 1183580
USA 4506169
Japan 58-06886
BLOCK DIAGRAM
Low Distortion AGC
Compression Amplifier
LP502 CUSTOM DATA SHEET
• adjustable gain from 0 to 60 dB
• 0.94 V DC voltage regulator on-chip
• attack time fixed at less than 1 ms
• release time adjustable from 40 to 500 ms
• low input referred noise 1.2
µV
• <1 % distortion at 10 mVRMS output
• operates from 1.05 to 3 VDC
STANDARD PACKAGING
• 8 pin MICROpac
• 8 pin PLID
®
• Chip (64 x 62 mils)
Au Bump
FEATURES
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Gennum Japan Corporation:C-101 Mi yamae Vill age, 2–10–42 Mi yamae, Suginami–ku, Tokyo 168-0081, Japan tel. (03) 3334-7700 fax (03) 3247-8839
Document No. HP2802-1
DESCRIPTION
The LP502 is a compression (AGC) preamplifier that consists
of a single-ended input inverting amplifier, with an internal
current controlled resistance connected between input and
output.
By using R
GT
(see test circuit) to vary the value of this current
controlled resistance, the amplifier gain and compression
threshold can be controlled over a range of 60 dB.
The AGC current is derived from a full wave rectifier driven by
a differential amplifier. The attack time of the AGC circuit is
fixed at less than 1 ms. The release time is adjustable from
40 to 500 ms by selecting the value of an external capacitor
(C3).
Internally, a series shunt voltage regulator produces a 0.94 V
DC regulated output voltage. This provides a bias for electret
microphones and permits circuit operations over a wide range
of supply voltages, 1.05 to 3 VDC for LP502 without any
degradation of electrical performances.
As compared to the LD502, the LP502 incorporates an
additional diode between the amplifier output and the AGC
filter point. This “attack diode” is responsible for precharging
the AGC filter point, which enables quicker attack time and
helps to reduce the gain overshoot (during transients) that is
observed in the LD502 with certain combinations of AGC input
coupling and filter capacitors. However, with this diode
connected, some level of AGC is always present with higher
output levels even when the AGC input is disconnected.
Therefore the LP502 cannot be used as a “pure” linear
amplifier.
GAIN SET
A OUT
AGC IN
AGC FILTER
GND
A IN
VREG
VB
VOLTAGE
REGULATOR
AMPLIFIER
FULL WAVE
RECTIFIER
85
6
3
4
7
2
1


Similar Part No. - LP502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5024 TI1-LP5024 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5024 TI1-LP5024 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5024 TI2-LP5024 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5024 TI2-LP5024 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5024RSMR TI1-LP5024RSMR Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
More results

Similar Description - LP502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
AGC Amplifier
logo
List of Unclassifed Man...
LD502 ETC-LD502 Datasheet
159Kb / 4P
Low Distortion AGC Compression Amplifier
GC4130A ETC1-GC4130A Datasheet
198Kb / 4P
GC4130A Low Distortion AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
AGC AMPLIFIER
logo
California Eastern Labs
UPC3228T5S CEL-UPC3228T5S Datasheet
291Kb / 13P
LOW DISTORTION DOWN-CONVERTER AGC AMPLIFIER VIDEO AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
AGC Amplifier
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
AGC AMPLIFIER
logo
Texas Instruments
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
AGC AMPLIFIER
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
AGC AMPLIFIER
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
AGC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com