Electronic Components Datasheet Search
  English  ▼

X  

LP502 Datasheet(PDF) 3 Page - Gennum Corporation

Part # LP502
Description  Low Distortion AGC Compression Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LP502 Datasheet(HTML) 3 Page - Gennum Corporation

  LP502 Datasheet HTML 1Page - Gennum Corporation LP502 Datasheet HTML 2Page - Gennum Corporation LP502 Datasheet HTML 3Page - Gennum Corporation LP502 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HP2802-1
All resistors in ohms, all capacitors in microfarads unless otherwise stated
Fig. 2 LP502/LC549Hearing Instrument Application
All resistors in ohms, all capacitors in
microfarads unless otherwise stated
Fig. 3 LP502/LE507 Hearing Instrument Application
0.1
4.7
R
S
3.9k
FULL WAVE
RECTIFIER
500k
0.1-1.0
0.1
4.7
V
C
4.7
V
B=1.3 VDC
LP502
2
1
7
4
3
6
5
8
NC
0.047
RL=400
TYP
2
3
7
5
6
1
8
AMP
LC549
4
VOLTAGE
REGULATOR
0.1
GAIN TRIM
=10k
0.1
4.7
R
S
3.9k
500k
0.47
0.1
0.1
0.1
BK1606
V
B=1.3 VDC
LP502
2
1
7
4
3
6
5
8
RE=33
V
C
10k
AMP
7
1
4
3
2
8
6
25k
5
FULL WAVE
RECTIFIER
2k
18k
13.5k
LE507
GAIN TRIM
33k
VOLTAGE
REGULATOR
Z=1k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com