Electronic Components Datasheet Search
  English  ▼

X  

BFG25AX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG25AX
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG25AX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG25AX Datasheet HTML 3Page - NXP Semiconductors BFG25AX Datasheet HTML 4Page - NXP Semiconductors BFG25AX Datasheet HTML 5Page - NXP Semiconductors BFG25AX Datasheet HTML 6Page - NXP Semiconductors BFG25AX Datasheet HTML 7Page - NXP Semiconductors BFG25AX Datasheet HTML 8Page - NXP Semiconductors BFG25AX Datasheet HTML 9Page - NXP Semiconductors BFG25AX Datasheet HTML 10Page - NXP Semiconductors BFG25AX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Oct 29
7
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
Fig.13 Common emitter noise figure circles; typical values.
IC = 1 mA; VCE = 1 V; f = 1000 MHz; ZO =50 Ω; Maximum stable gain = 12.4 dB; Fmin = 2 dB; Γopt = 0.78, 14°; Rn/50 = 2.6.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+
j
– j
*
F
= 2 dB
min
OPT
stability
circle
unstable
region
MCD148
0.5
1
0.2
10
5
2
MSG
12.4 dB
11 dB
9 dB
3 dB
6 dB
4 dB
Fig.14 Common emitter noise figure circles; typical values.
IC = 1 mA; VCE = 1 V; f = 2000 MHz; ZO =50 Ω; Maximum stable gain = 8.9 dB; Fmin = 2.4 dB; Γopt = 0.72, 38°; Rn/50 = 1.9.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
0.5
1
0.2
10
5
2
MCD149
stability
circle
unstable
region
0
F
= 2.4 dB
min
OPT
*
1
0.2
10
5
2
0.5
MSG
9 dB
6 dB
7.5 dB
4 dB
6 dB
3 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com