Electronic Components Datasheet Search
  English  ▼

X  

KMI16/1/V3PX Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KMI16/1/V3PX
Description  Integrated rotational speed sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI16/1/V3PX Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMI16/1/V3PX Datasheet HTML 4Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 5Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 6Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 7Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 8Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 9Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 10Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 11Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2000 Sep 05
9
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
PACKAGE OUTLINE
UNIT
bp
c
Q
L2
L1
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.7
1.4
0.8
0.7
bp1
1.57
1.47
5.7
5.5
4.1
3.9
0.3
0.24
1.2
0.9
3.9
3.5
M1
8.15
7.85
M2
8.15
7.85
M3
(1)
4.7
4.3
L
7.55
7.25
D(2)
D1
(2)
4.5
4.3
E(2)
5.7
5.5
4.6
4.4
E1
(2)
18.2
17.8
HE
5.6
5.5
HE1
K
max.
5.37
e
2.35
2.15
e1
0.25
0.75
0.65
DIMENSIONS (mm are the original dimensions)
SOT477B
99-09-23
00-08-31
0
2.5
5 mm
scale
A(1)
Plastic single-ended multi-chip package;
magnetized ferrite magnet (8 x 8 x 4.5 mm); 4 interconnections; 3 in-line leads
SOT477B
e
12
3
e1
E
E1
HE1
L1
D
L
bp1
D1
SENSOR DIE POSITION
*
centre of reading point
HE
M1
L2
bp
c
v M AB
Q
v M AB
A
K
M2
M3
B
A
Notes
1. Glue thickness not included.
2. Plastic or metal protrusions of 0.15 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com