Electronic Components Datasheet Search
  English  ▼

X  

KMI16/1/V3PX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMI16/1/V3PX
Description  Integrated rotational speed sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI16/1/V3PX Datasheet(HTML) 2 Page - NXP Semiconductors

  KMI16/1/V3PX Datasheet HTML 1Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 2Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 3Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 4Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 5Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 6Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 7Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 8Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Sep 05
2
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
DESCRIPTION
The KMI16/1 sensor detects rotational speed of ferrous
gear wheels and reference marks.
The sensor consists of a magnetoresistive sensor
element, a signal conditioning integrated circuit in bipolar
technology and a ferrite magnet.
The frequency of the digital current output signal is
proportional to the rotational speed of the target wheel.
The open collector (OC) output allows for a high degree of
flexibility in the design of subsequent conditioning
electronics.
PINNING
CAUTION
Do not press two or more products together against their
magnetic forces. Do not expose products to strong
magnetic fields of more than 30 kA/m.
PIN
SYMBOL
DESCRIPTION
1VCC
DC supply voltage
2Vout
open collector output
3
GND
ground
handbook, halfpage
12
3
MBK766
Fig.1 Simplified outline (SOT477B).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
4.5
5
16
V
ICC
DC supply current (pin 1)
4
10
14
mA
VCEsat
OC saturation voltage
−−
1V
dmax
maximum sensing distance
2.4
2.9
−
mm
ft
operating tooth frequency
0
−
25000
Hz
Tamb
ambient operating temperature
−40
−
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com