Electronic Components Datasheet Search
  English  ▼

X  

BSP250 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP250
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP250 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP250 Datasheet HTML 1Page - NXP Semiconductors BSP250 Datasheet HTML 2Page - NXP Semiconductors BSP250 Datasheet HTML 3Page - NXP Semiconductors BSP250 Datasheet HTML 4Page - NXP Semiconductors BSP250 Datasheet HTML 5Page - NXP Semiconductors BSP250 Datasheet HTML 6Page - NXP Semiconductors BSP250 Datasheet HTML 7Page - NXP Semiconductors BSP250 Datasheet HTML 8Page - NXP Semiconductors BSP250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Jun 20
5
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSP250
Fig.4
Capacitance as a function of drain source
voltage; typical values.
VGS =0.
Tj =25 °C.
handbook, halfpage
0
600
400
200
0
−10
−20
−30
MBE144
C
(pF)
VDS (V)
Ciss
Coss
Crss
Fig.5 Output characteristics; typical values.
Tj =25 °C.
handbook, halfpage
0
−2
−10
−12
−10
−12
−8
−6
−2
0
−4
MBE149
−4
−6
−8
V
(V)
DS
ID
(A)
VGS =
−10 V
−6 V
−5 V
−4.5 V
−4 V
−3.5 V
−3 V
−2.5 V
−7.5 V
Fig.6 Transfer characteristic, typical values.
VDS = −10 V.
Tj =25 °C.
handbook, halfpage
0
−2
−4
−8
−16
−12
−4
0
−8
MBE150
−6
ID
(A)
VGS (V)
Fig.7
Gate-source voltage as a function of total
gate charge.
VDD = −15 V.
ID = −3A.
handbook, halfpage
0
−2
−4
−10
−8
−10
0
−8
MBE145
−6
−6
−4
−2
Qg (nC)
VGS
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com