Electronic Components Datasheet Search
  English  ▼

X  

BSP250 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP250
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP250 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP250 Datasheet HTML 1Page - NXP Semiconductors BSP250 Datasheet HTML 2Page - NXP Semiconductors BSP250 Datasheet HTML 3Page - NXP Semiconductors BSP250 Datasheet HTML 4Page - NXP Semiconductors BSP250 Datasheet HTML 5Page - NXP Semiconductors BSP250 Datasheet HTML 6Page - NXP Semiconductors BSP250 Datasheet HTML 7Page - NXP Semiconductors BSP250 Datasheet HTML 8Page - NXP Semiconductors BSP250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Jun 20
3
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSP250
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Pulse width and duty cycle limited by maximum junction temperature.
2. Device mounted on an epoxy printed-circuit board, 40
× 40 × 1.5 mm; mounting pad for drain lead minimum 6 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−30
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
Ts ≤ 100 °C
−−3A
IDM
peak drain current
note 1
−−12
A
Ptot
total power dissipation
Ts = 100 °C
−
5W
Tamb =25 °C; note 2
−
1.65
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
Source-drain diode
IS
source current (DC)
Ts ≤ 100 °C
−−1.5
A
ISM
peak pulsed source current
note 1
−−6A
Fig.2 Power derating curve.
handbook, halfpage
0
200
2.0
0
0.4
0.8
1.2
1.6
MLB885
Tamb (°C)
50
100
150
Ptot
(W)
δ = 0.01.
Soldering point temperature Ts = 100 °C.
(1) RDSon limitation.
Fig.3 SOAR.
handbook, halfpage
MLB835
VDS (V)
ID
(A)
−10−1
−102
−1
−10
−10−2
−102
−10−1
−1
−10
tp
tp
T
P
t
T
δ =
1 ms
DC
(1)
tp =
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com