Electronic Components Datasheet Search
  English  ▼

X  

BSP304 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP304
Description  P-channel enhancement mode vertical D-MOS transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP304 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP304 Datasheet HTML 1Page - NXP Semiconductors BSP304 Datasheet HTML 2Page - NXP Semiconductors BSP304 Datasheet HTML 3Page - NXP Semiconductors BSP304 Datasheet HTML 4Page - NXP Semiconductors BSP304 Datasheet HTML 5Page - NXP Semiconductors BSP304 Datasheet HTML 6Page - NXP Semiconductors BSP304 Datasheet HTML 7Page - NXP Semiconductors BSP304 Datasheet HTML 8Page - NXP Semiconductors BSP304 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1995 Apr 07
5
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistors
BSP304; BSP304A
Fig.6
Capacitance as a function of drain source
voltage; typical values.
VGS =0.
Tj =25 °C.
f = 1 MHz.
handbook, halfpage
0
100
60
80
40
20
0
10
20
30
MLC688
C
(pF)
V
(V)
DS
Coss
Crss
C iss
Fig.7 Typical output characteristics.
Tj =25 °C.
handbook, halfpage
02
4
10
800
600
200
0
400
MLD139
6
I D
(mA)
V
(V)
DS
12
8
P = 1 W
V
= 10 V
GS
7 V
6 V
5 V
4 V
3.5 V
3 V
Fig.8 Typical transfer characteristics.
VDS = −25 V.
Tj =25 °C.
handbook, halfpage
02
4
10
800
600
200
0
400
MLC689
6
I D
(mA)
V
(V)
GS
8
Fig.9
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
ID = −170 mA.
Tj =25 °C.
handbook, halfpage
0
20
40
60
80
0246
8
10
R DSon
(
Ω)
V
(V)
GS
MLC691



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com