Electronic Components Datasheet Search
  English  ▼

X  

PCK940L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK940L
Description  Low voltage 1 : 18 clock distribution chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK940L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK940L Datasheet HTML 3Page - NXP Semiconductors PCK940L Datasheet HTML 4Page - NXP Semiconductors PCK940L Datasheet HTML 5Page - NXP Semiconductors PCK940L Datasheet HTML 6Page - NXP Semiconductors PCK940L Datasheet HTML 7Page - NXP Semiconductors PCK940L Datasheet HTML 8Page - NXP Semiconductors PCK940L Datasheet HTML 9Page - NXP Semiconductors PCK940L Datasheet HTML 10Page - NXP Semiconductors PCK940L Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PCK940L_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 April 2006
7 of 16
Philips Semiconductors
PCK940L
Low voltage 1 : 18 clock distribution chip
[1]
Tested using standard input levels, production tested at 150 MHz.
[2]
Across temperature and voltage ranges, includes output skew.
[3]
For a specific temperature and voltage, includes output skew.
Table 10.
Dynamic characteristics (3.3 V VCC, 2.5 V output)
Tamb =0 °Cto70 °C; VCC2 = 3.3 V ± 5 %; VCC1 = 2.5 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
foper(max)
maximum operating frequency
-
-
250
MHz
tPLH
LOW-to-HIGH propagation
delay
PECL_CLK
≤ 150 MHz
[1] 2.0
2.8
4.0
ns
LVCMOS_CLK
≤ 150 MHz
[1] 1.7
2.5
3.0
ns
PECL_CLK > 150 MHz
2.0
2.9
4.0
ns
LVCMOS_CLK > 150 MHz
1.8
2.5
3.3
ns
tsk(o)
output skew time
output-to-output
PECL_CLK
[1] -
-
300
ps
LVCMOS_CLK
[1] -
-
150
ps
tsk(pr)
process skew time
part-to-part
PECL_CLK < 150 MHz
[1][2] -
-
1.5
ns
LVCMOS_CLK < 150 MHz
[1][2] -
-
1.3
ns
PECL_CLK > 150 MHz
[1][2] -
-
1.8
ns
LVCMOS_CLK > 150 MHz
[1][2] -
-
1.5
ns
PECL_CLK
[1][3] -
-
850
ps
LVCMOS_CLK
[1][3] -
-
750
ps
δo
output duty cycle
LCVMOS_CLK; input
δ =50%
fclk < 134 MHz
45
50
55
%
fclk ≤ 250 MHz
40
50
60
%
PECL_CLK; input
δ =50%
fclk < 134 MHz
35
50
65
%
fclk ≤ 250 MHz
40
50
60
%
tr
rise time
output; from 0.5 V to 1.8 V
0.3
-
1.2
ns
tf
fall time
output; from 1.8 V to 0.5 V
0.3
-
1.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com