Electronic Components Datasheet Search
  English  ▼

X  

PCK940L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK940L
Description  Low voltage 1 : 18 clock distribution chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK940L Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK940L Datasheet HTML 1Page - NXP Semiconductors PCK940L Datasheet HTML 2Page - NXP Semiconductors PCK940L Datasheet HTML 3Page - NXP Semiconductors PCK940L Datasheet HTML 4Page - NXP Semiconductors PCK940L Datasheet HTML 5Page - NXP Semiconductors PCK940L Datasheet HTML 6Page - NXP Semiconductors PCK940L Datasheet HTML 7Page - NXP Semiconductors PCK940L Datasheet HTML 8Page - NXP Semiconductors PCK940L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PCK940L_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 April 2006
2 of 16
Philips Semiconductors
PCK940L
Low voltage 1 : 18 clock distribution chip
I Dual or single supply voltage:
N Dual VCC supply voltage, 3.3 V core and 2.5 V output
N Single 3.3 V VCC supply voltage for 3.3 V outputs
N Single 2.5 V VCC supply voltage for 2.5 V I/O
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCK940LBD
LQFP32
plastic low profile quad flat package; 32 leads;
body 7
× 7 × 1.4 mm
SOT358-1
Fig 1.
Functional diagram of PCK940L
002aab887
Q0
Q1 to Q16
Q17
LVCMOS_CLK
PCK940L
0
1
PECL_CLK
PECL_CLK
LVCMOS_CLKSEL
(internal pull-down)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com