Electronic Components Datasheet Search
  English  ▼

X  

AD7796 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7796
Description  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7796 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7796 Datasheet HTML 9Page - Analog Devices AD7796 Datasheet HTML 10Page - Analog Devices AD7796 Datasheet HTML 11Page - Analog Devices AD7796 Datasheet HTML 12Page - Analog Devices AD7796 Datasheet HTML 13Page - Analog Devices AD7796 Datasheet HTML 14Page - Analog Devices AD7796 Datasheet HTML 15Page - Analog Devices AD7796 Datasheet HTML 16Page - Analog Devices AD7796 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7796/AD7797
Rev. A | Page 13 of 24
Table 13. Operating Modes
MD2
MD1
MD0
Mode
0
0
0
Continuous Conversion Mode (default). In continuous conversion mode, the ADC continuously performs
conversions and places the result in the data register. RDY goes low when a conversion is complete. The user can
read these conversions by placing the device in continuous read mode, whereby the conversions are automatically
placed on the DOUT line when SCLK pulses are applied. Alternatively, the user can instruct the ADC to output the
conversion by writing to the communication register. After a power-on, channel change, or write to the mode or
configuration register, the first conversion is available after a period of 2/fADC, while subsequent conversions are
available at a frequency of fADC.
0
0
1
Single Conversion Mode. When single conversion mode is selected, the ADC powers up and performs a single
conversion. The oscillator requires 1 ms to power up and settle. The ADC then performs the conversion, which takes
a time of 2/fADC. The conversion result is placed in the data register, RDY goes low, and the ADC returns to power-
down mode. The conversion remains in the data register and RDY remains active (low) until the data is read or
another conversion is performed.
0
1
0
Idle Mode. In idle mode, the ADC filter and modulator are held in a reset state although the modulator clocks are
still provided.
0
1
1
Power-Down Mode. In power-down mode, all the AD7796/AD7797 circuitry is powered down, including the
burnout currents and CLKOUT circuitry.
1
0
0
Internal Zero-Scale Calibration. An internal short is automatically connected to the channel. A calibration takes
two conversion cycles to complete. RDY goes high when the calibration is initiated and returns low when the
calibration is complete. The ADC is placed in idle mode following a calibration. The measured offset coefficient is
placed in the offset register.
1
0
1
Reserved.
1
1
0
System Zero-Scale Calibration. Users should connect the system zero-scale input to the channel input pins.
A system offset calibration takes two conversion cycles to complete. RDY goes high when the calibration is
initiated and returns low when the calibration is complete. The ADC is placed in idle mode following a calibration.
The measured offset coefficient is placed in the offset register.
1
1
1
System Full-Scale Calibration. Users should connect the system full-scale input to the channel input pins.
A calibration takes two conversion cycles to complete. RDY goes high when the calibration is initiated and returns
low when the calibration is complete. The ADC is placed in idle mode following a calibration. The measured full-
scale coefficient is placed in the full-scale register.
Table 14. Update Rates Available
FS3
FS2
FS1
FS0
fADC (Hz)
tSETTLE (ms)
Rejection @ 50 Hz/60 Hz (Internal Clock)
0
0
0
0
X
X
0
0
0
1
X
X
0
0
1
0
X
X
0
0
1
1
123
16
0
1
0
0
62
32
0
1
0
1
50
40
0
1
1
0
X
X
0
1
1
1
33.2
60
1
0
0
0
X
X
1
0
0
1
16.7
120
80 dB (50 Hz only)
1
0
1
0
16.7
120
65 dB (50 Hz and 60 Hz)
1
0
1
1
12.5
160
66 dB (50 Hz and 60 Hz)
1
1
0
0
10
200
69 dB (50 Hz and 60 Hz)
1
1
0
1
8.33
240
70 dB (50 Hz and 60 Hz)
1
1
1
0
6.25
320
72 dB (50 Hz and 60 Hz)
1
1
1
1
4.17
480
74 dB (50 Hz and 60 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com