Electronic Components Datasheet Search
  English  ▼

X  

AD7796 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7796
Description  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7796 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7796 Datasheet HTML 12Page - Analog Devices AD7796 Datasheet HTML 13Page - Analog Devices AD7796 Datasheet HTML 14Page - Analog Devices AD7796 Datasheet HTML 15Page - Analog Devices AD7796 Datasheet HTML 16Page - Analog Devices AD7796 Datasheet HTML 17Page - Analog Devices AD7796 Datasheet HTML 18Page - Analog Devices AD7796 Datasheet HTML 19Page - Analog Devices AD7796 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7796/AD7797
Rev. A | Page 16 of 24
ADC CIRCUIT INFORMATION
OVERVIEW
The AD7796/AD7797 are low power ADCs that incorporate a
Σ-Δ modulator, in-amp, and an on-chip digital filter intended
for measuring wide dynamic range, low frequency signals, such
as those in pressure transducers and weigh scales.
Each part has one differential input that is buffered. Figure 10
shows the basic connections required to operate the part.
AD7796/AD7797
AIN(+)
AIN(–)
INTERNAL
CLOCK
AVDD
DVDD
REFIN(–)
REFIN(+)
DOUT/RDY
DIN
SCLK
MUX
GND
GND
CLK
Σ-Δ
ADC
VDD
VDD
×128
TEMP
SENSOR
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
IN+
IN–
OUT–
OUT+
Figure 10. Basic Connection Diagram
The output rate of the AD7796/AD7797 (fADC) is user-
programmable. The allowable update rates, along with the
corresponding settling times, are listed in Table 14. Normal
mode rejection is the major function of the digital filter.
Simultaneous 50 Hz and 60 Hz rejection is optimized when the
update rate equals 16.7 Hz or less because notches are placed at
both 50 Hz and 60 Hz with these update rates (see Figure 12).
The AD7796/AD7797 use slightly different filter types,
depending on the output update rate used to optimize the
rejection of quantization noise and device noise. When the
update rate is 4.17 Hz to 12.5 Hz, a Sinc3 filter and an averaging
filter are used. When the update rate is 16.7 Hz to 33.2 Hz,
a modified Sinc3 filter is used. This filter gives simultaneous
50 Hz/60 Hz rejection when the update rate equals 16.7 Hz.
A Sinc4 filter is used when the update rate is from 50 Hz to
123 Hz. Figure 11 to Figure 13 show the frequency response of
the different filter types for some of the update rates.
0
–20
–40
–60
–80
–100
01
100
80
60
40
20
FREQUENCY (Hz)
20
Figure 11. Filter Profile with Update Rate = 4.17 Hz
0
–20
–40
–60
–80
–100
02
180
160
140
120
100
80
60
40
20
FREQUENCY (Hz)
00
Figure 12. Filter Profile with Update Rate = 16.7 Hz
0
–20
–40
–60
–80
–100
0
1000
900
800
700
600
500
400
300
200
100
FREQUENCY (Hz)
Figure 13. Filter Profile with Update Rate = 50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com