Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4658
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 2Page - Analog Devices LTM4658 Datasheet HTML 3Page - Analog Devices LTM4658 Datasheet HTML 4Page - Analog Devices LTM4658 Datasheet HTML 5Page - Analog Devices LTM4658 Datasheet HTML 6Page - Analog Devices LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices LTM4658 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4710-1
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Steady State VSW with
Persistence On
Steady State Voltage Ripple
Load Transient Response
Start-Up
TA = 25°C, unless otherwise noted.
200ns/DIV
47101 G19
VSW1
2V/DIV
VIN = 3.3V, VOUT = 0.6V, IOUT = 30A,
fSW = 1.5MHz, COUT = 100 F × 4
VSW2
2V/DIV
VSW3
2V/DIV
VSW4
2V/DIV
1 s/DIV
47101 G20
VIN = 3.3V, VOUT = 0.6V, IOUT = 30A,
fSW = 1.5MHz, COUT = 100 F × 4
VOUT
AC-COUPLED
10mV/DIV
100 s/DIV
47101 G21
VIN = 3.3V, VOUT = 0.6V, fSW = 1.5MHz,
COUT = 100 F × 4, CFF = 20pF,
0A ~ 7.5A (25%) LOAD STEP, 4-PHASE
IOUT
5A/DIV
VOUT
AC-COUPLED
50mV/DIV
10ms/DIV
47101 G22
VRUN
2V/DIV
VIN = 3.3V, VOUT = 0.6V,
fSW = 1.5MHz, COUT = 100 F × 4
VPG
2V/DIV
VOUT
500mV/DIV
VSSTT
1V/DIV
Load Regulation, 1V
DC3164A-B Demo Board
Radiated Emissions
8A Load on Each Channel
DC3164A-B, without Ferrite Bead
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
47101 G23
VIN = 3.3V
VOUT = 1V
fSW = 1.4MHz
4-CHANNEL PARALLELED
CISPR32 CLASS B 10m
FREQUENCY (MHz)
30
100
1000
–20
–12
–4
4
12
20
28
36
44
52
60
47101 G24
VIN = 3.3V
VOUT1 = 0.8V, VOUT2 = 1V,
VOUT3 = 1.2V, VOUT4 = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com