Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4658
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 5Page - Analog Devices LTM4658 Datasheet HTML 6Page - Analog Devices LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices LTM4658 Datasheet HTML 10Page - Analog Devices LTM4658 Datasheet HTML 11Page - Analog Devices LTM4658 Datasheet HTML 12Page - Analog Devices LTM4658 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4710-1
9
Rev. 0
For more information www.analog.com
OPERATION
The LTM4710-1 is a quad output step-down switch
mode DC/DC power supply. It integrates four separate
regulators, each capable of delivering up to 8A contin-
uous output current with few external input and output
capacitors. Each regulator provides precisely regulated
output voltage programmable from 0.5V to 3.6V over a
2.5V to 5.5V input voltage range. See typical application
schematic (Figure 1).
The LTM4710-1 integrates four separate constant-fre-
quency peak current mode control regulators, power
MOSFETs, inductors, and other supporting discrete
components. It employs Silent Switcher 2 technology,
which allows fast switching edges for high efficiency at
high switching frequencies, while simultaneously achiev-
ing good EMI performance. Ceramic Capacitors on VIN
keep all the fast AC current loops small, improving
EMI performance.
With current mode control and internal feedback loop com-
pensation, the LTM4710-1 has sufficient stability margins
and fast transient performance with a wide range of out-
put capacitors, even with all ceramic output capacitors.
The switching frequency for LTM4710-1 can be adjusted
by an external resistor from RT to AGND, or the
LTM4710-1 can be externally synchronized to a clock.
See the Applications Information section.
Current mode control provides cycle-by-cycle fast current
limiting. Peak current limiting is provided in an overcur-
rent condition. The internal overvoltage and undervolt-
age comparators pull the open-drain PG output low if the
output feedback voltage exits a –2% and +10% window
around the regulation point. Furthermore, in an overvolt-
age condition, the internal top MOSFET is turned off, and
the bottom MOSFET is turned on and held on until the
overvoltage condition clears.
The multiphase operation can be easily configurable with
synchronization and phase mode controls.
Pulling the RUN pin to GND forces the controller into its
shutdown state, turning off both power MOSFETs and
most of the internal control circuitry.
The SSTT pin is used for power supply tracking, soft-start
programming and, and monitoring die temperature. See
the Applications Information section.
Forced continuous mode (FCM) is the only opera-
tion mode recommended for low ripple and low noise
consideration. The switching frequency of the four
channels should always be synchronized regardless the
output(s) are paralleled or independent. For multiphase
paralleled output, phase-shift interleaving is recom-
mended. For independent outputs, an aligned main-switch
turn-on transition is recommended. See the Applications
Information section and Typical Applications for more
information.
The typical LTM4710-1 application circuit is shown in
Figure 1. External component selection is primarily deter-
mined by the input voltage, the output voltage and the
maximum load current. See Table 10 for specific external
capacitor requirements for a particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the minimum VOUT step-down
ratio that can be achieved for a given input voltage due to
the minimum on-time limits of the regulator.
APPLICATIONS INFORMATION
The minimum on-time limit imposes a minimum duty cycle
of the converter, which can be calculated with Equation 1.
D(MIN) = tON(MIN) • fSW
(1)
where tON(MIN) is the minimum on-time, 40ns typical
for LTM4710-1. In the rare cases where the minimum
duty cycle is surpassed, the output voltage will remain in
regulation, but the switching frequency will decrease from
its programmed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com