Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4702
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 4 Page - Analog Devices

  LTM4702 Datasheet HTML 1Page - Analog Devices LTM4702 Datasheet HTML 2Page - Analog Devices LTM4702 Datasheet HTML 3Page - Analog Devices LTM4702 Datasheet HTML 4Page - Analog Devices LTM4702 Datasheet HTML 5Page - Analog Devices LTM4702 Datasheet HTML 6Page - Analog Devices LTM4702 Datasheet HTML 7Page - Analog Devices LTM4702 Datasheet HTML 8Page - Analog Devices LTM4702 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4710-1
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, 4-Channel Paralleled
VIN = 2.5V
Efficiency, 4-Channel Paralleled
VIN = 3.3V
Efficiency, 4-Channel Paralleled
VIN = 5.5V
Power Loss, 4-Channel Paralleled
VIN = 2.5V
Power Loss, 4-Channel Paralleled
VIN = 3.3V
Power Loss, 4-Channel Paralleled
VIN = 5.5V
TA = 25°C, unless otherwise noted.
Input vs Load Current
VIN = 2.5V, 4-Channel Paralleled
Input vs Load Current
VIN = 3.3V, 4-Channel Paralleled
Input vs Load Current
VIN = 5.5V, 4-Channel Paralleled
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
60
65
70
75
80
85
90
95
47101 G01
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
1.2VOUT, 1.6MHz
1.5VOUT, 1.6MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
60
65
70
75
80
85
90
95
47101 G02
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
1.2VOUT, 1.6MHz
1.5VOUT, 1.6MHz
1.8VOUT, 1.6MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
60
65
70
75
80
85
90
95
47101 G03
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
47101 G04
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
1.2VOUT, 1.6MHz
1.5VOUT, 1.6MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
47101 G05
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
1.2VOUT, 1.6MHz
1.5VOUT, 1.6MHz
1.8VOUT, 1.6MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
47101 G06
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
14
16
47101 G07
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
1.2VOUT, 1.6MHz
1.5VOUT, 1.6MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
14
16
18
47101 G08
0.5VOUT, 1.0MHz
0.8VOUT, 1.2MHz
1.0VOUT, 1.4MHz
1.2VOUT, 1.6MHz
1.5VOUT, 1.6MHz
1.8VOUT, 1.6MHz
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
47101 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com