Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4702
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 7Page - Analog Devices LTM4702 Datasheet HTML 8Page - Analog Devices LTM4702 Datasheet HTML 9Page - Analog Devices LTM4702 Datasheet HTML 10Page - Analog Devices LTM4702 Datasheet HTML 11Page - Analog Devices LTM4702 Datasheet HTML 12Page - Analog Devices LTM4702 Datasheet HTML 13Page - Analog Devices LTM4702 Datasheet HTML 14Page - Analog Devices LTM4702 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4710-1
11
Rev. 0
For more information www.analog.com
Frequency Synchronization and Clock Input
The LTM4710-1 switching frequency can be adjusted
by synchronizing the internal PLL circuit to an external
square wave clock applied at the MODE pin. The syn-
chronization frequency range is 1.2MHz to 2.6MHz. The
external clock amplitude must be greater than 1.2V and
less than 0.4V.
The internal PLL starts up at the 2MHz default frequency.
After detecting an external clock on the first rising edge
of the MODE pin, the internal PLL gradually adjusts its
operating frequency to match the frequency and phase
of the MODE signal.
Multiphase Operation
For output loads that demand more than 8A of current,
multiple LTM4710-1 channels can be paralleled to run out
of phase to provide more output current without increas-
ing input and output voltage ripples. Table 3 shows the
configuration for multiphase operation.
Table 3. LTM4710-1 Multiphase Configuration
PHASE
RT
PIN
FB
PIN
MODE
PIN
SWITCHING
FREQUENCY
Main
VIN
VOUT
Divider
Clock
Input
External Clock
Main
Resistor to
AGND
VOUT
Divider
Clock
Output
RT Programmed
Subordinary
VIN Divider
VIN
Clock Input
External Clock
To parallel multiple LTM4710-1 channels to achieve the
same switching frequency, perfect interleaved phase shift
and accurate current sharing between different channels,
one of the LTM4710-1 channels will become the main
channel, and the rest of the LTM4710-1 channels need to
be programmed as the subordinary channels.
Connecting the RT pin of the main phase to a resistor to
AGND programs the frequency and configures the MODE
pin to become the clock output used to drive the MODE
pin of the subordinary phase(s).
Connecting the RT pin of the main phase to VIN configures
the MODE pin to become an input capable of accepting
an external clock.
APPLICATIONS INFORMATION
Connecting the VFB pin to VIN configures a phase as a
subordinary phase. The MODE becomes a clock input,
and the voltage control loop is disabled. The subordinary
phase current control loop is still active, and the peak
current is controlled via the shared COMP node.
The phasing of a subordinary phase relative to the main
phase is programmed with a resistor divider on the RT
pin. The use of 1% resistors is recommended. See Table 4
for more information. Figure 17 shows an example.
Table 4. Subordinary Phase Shift Related to MODE Input
PHASE ANGLE BETWEEN
SUBORDINARY
MODULE AND MODE INPUT (°)
RT RESISTOR TO VIN
(Ω)
0
0
90
3M
120
1.4M
180
(RT = GND)
240
715k
270
332k
Application Note 77 provides a detailed explanation of mul-
tiphase operation. The input RMS ripple current cancellation
mathematical derivation are presented, and a graph is dis-
played representing the RMS ripple current reduction as a
function of the number of interleaved phases (see Figure 1).
DUTY CYCLE (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
47101 F01
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 1. Input RMS Current Ratios to DC Load
Current as a Function of Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com