Electronic Components Datasheet Search
  English  ▼

X  

AD8106ASTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8106ASTZ
Description  260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8106ASTZ Datasheet(HTML) 3 Page - Analog Devices

  AD8106ASTZ Datasheet HTML 1Page - Analog Devices AD8106ASTZ Datasheet HTML 2Page - Analog Devices AD8106ASTZ Datasheet HTML 3Page - Analog Devices AD8106ASTZ Datasheet HTML 4Page - Analog Devices AD8106ASTZ Datasheet HTML 5Page - Analog Devices AD8106ASTZ Datasheet HTML 6Page - Analog Devices AD8106ASTZ Datasheet HTML 7Page - Analog Devices AD8106ASTZ Datasheet HTML 8Page - Analog Devices AD8106ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = ±5 V, TA = 25°C, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
Reference
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p, RL = 150 Ω
300/190
390/260
MHz
Figure 10, Figure 16
2 V p-p, RL = 150 Ω
150
MHz
Figure 10, Figure 16
Propagation Delay
2 V p-p, RL = 150 Ω
5
ns
Slew Rate
2 V step, RL = 150 Ω
500
V/μs
Settling Time
0.1%, 2 V step, RL = 150 Ω
40
ns
Figure 15, Figure 21
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150 Ω
60/40
MHz
Figure 10, Figure 16
0.05 dB, 2 V p-p, RL = 150 Ω
65/40
MHz
Figure 10, Figure 16
0.1 dB, 200 mV p-p, RL = 150 Ω
80/57
MHz
Figure 10, Figure 16
0.1 dB, 2 V p-p, RL = 150 Ω
70/57
MHz
Figure 10, Figure 16
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 kΩ
0.01
%
NTSC or PAL, RL = 150 Ω
0.02
%
Differential Phase Error
NTSC or PAL, RL = 1 kΩ
0.01
Degrees
NTSC or PAL, RL = 150 Ω
0.02
Degrees
Crosstalk, All Hostile
f = 5 MHz
78/85
dB
Figure 11, Figure 17
f = 10 MHz
70/80
dB
Figure 11, Figure 17
Off Isolation, Input/Output
f = 10 MHz, RL = 150 Ω, one channel
93/99
dB
Figure 26, Figure 32
Input Voltage Noise
0.01 MHz to 50 MHz
15
nV/√Hz
Figure 23, Figure 29
DC PERFORMANCE
Gain Error
RL = 1 kΩ
0.04/0.1
0.07/0.5
%
RL = 150 Ω
0.15/0.25
%
Gain Matching
No load, channel-to-channel
0.02/1.0
%
RL = 1 kΩ, channel-to-channel
0.09/1.0
%
Gain Temperature Coefficient
0.5/8
ppm/°C
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.2
Ω
Figure 27, Figure 33
Disabled
10/0.001
MΩ
Figure 24, Figure 30
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled, AD8106 only
1/NA
μA
Output Voltage Range
No load
±2.5
±3
V
Output Current
20
40
mA
Short-Circuit Current
65
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
5
20
mV
Figure 38, Figure 44
Temperature coefficient
12
μV/°C
Figure 39, Figure 45
Input Voltage Range
±2.5/±1.25
±3/±1.5
V
Input Capacitance
Any switch configuration
2.5
pF
Input Resistance
1
10
MΩ
Input Bias Current
Per output selected
2
5
μA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time, 2 V Step
50% UPDATE to 1% settling
25
ns
Switching Transient (Glitch)
Measured at output
20/30
mV p-p
Figure 25, Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com