Electronic Components Datasheet Search
  English  ▼

X  

MFQ96021 Datasheet(PDF) 2 Page - NHP Electrical Engineering Products

Part # MFQ96021
Description  POWER ANALYSER NEMO 96EA 3PH WITH RS485 MODBUS 80-265VAC AUX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

MFQ96021 Datasheet(HTML) 2 Page - NHP Electrical Engineering Products

  MFQ96021 Datasheet HTML 1Page - NHP Electrical Engineering Products MFQ96021 Datasheet HTML 2Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Energy Management and Building Automation > Energy Management and Metering > Power and Multifunction Meters >
IME Power and Multifunction Meters > IME Multifunction Meters > Nemo 96EA
POWER ANALYSER NEMO 96EA 3PH WITH RS485 MODBUS 80-265VAC AUX
MFQ96021
Catalogue No:
Umin, Supply Voltage, AC, Min
Umax, Supply Voltage, AC, Max
Umin, Supply Voltage, DC, Min
Umax, Supply Voltage, DC, Max
Aux power consumption, AC, max
Power Consumption, Max
Power Dissipation, Max
Pollution Degree
Material, Body / Housing
Operating Temperature, Min
Operating Temperature, Max
Storage Temperature, Min
Storage Temperature, Max
IP Rating, Front
IP Rating, Terminals
Width
Height
Depth
Weight
Standards Compliance
80 V AC
265 V AC
110 V DC
300 V DC
2.5 VA
3.5 W
5 W
2
PC (Polycarbonate) material
-5 °C min
55 °C max
-25 °C min
70 °C max
IP54
IP20
96 mm
96 mm
74 mm
0.25 kg
IEC 61326-1
IEC 61557-12
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 2 of 2
24 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
MFQ96021 Datasheet
NHP Electrical Engineering Products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com