Electronic Components Datasheet Search
  English  ▼

X  

MFQ96021 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # MFQ96021
Description  POWER ANALYSER NEMO 96EA 3PH WITH RS485 MODBUS 80-265VAC AUX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

MFQ96021 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  MFQ96021 Datasheet HTML 1Page - NHP Electrical Engineering Products MFQ96021 Datasheet HTML 2Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Energy Management and Building Automation > Energy Management and Metering > Power and Multifunction Meters >
IME Power and Multifunction Meters > IME Multifunction Meters > Nemo 96EA
POWER ANALYSER NEMO 96EA 3PH WITH RS485 MODBUS 80-265VAC AUX
MFQ96021
Catalogue No:
·
Quick and easy to install
·
Compact modern design
·
High accuracy monitoring and measurement to IEC
62053-21
·
Easy to read and configure
·
Options for remote communication
Representative Photo Only
(actual product may vary based on configuration selections)
Power Analyser NEMO 96EA 3PH with RS485 Modbus 80-265V
AC AUX
SPECIFICATIONS
Product Series
Component Type Metering
Meter Type(s)
Measurement parameters
Display Technology
Refresh Time
Input Frequency, Nom
Input Frequency, Max
Input Frequency, Min
Isn, Secondary Current, Rated
Isn, Secondary Current, Max
Input Voltage, 1ph, min (rms)
Input Voltage, 1ph, max (rms)
Input Voltage, 3ph, min (rms)
Input Voltage, 3ph, max (rms)
Accuracy Class, kWh, IEC 61557-12
Accuracy Class, kVARh, IEC 61557-12
NEMO 96 EA
Digital Meter
Multifunction
A
Harmonics
VL-N
VL-L
Hz
kW
kWh
kVA
kVAh
kVAR
kVARh
PF
partial kwh
partial kvarh
THD (V, I)
V
Flicker(PST)
LCD
1.1 s
50 Hz
65 Hz
45 Hz
5 A
6 A max
50 V AC min (rms)
400 V AC max (rms)
80 V AC min (rms)
690 V AC max (rms)
0.5 IEC 61557-12
2 IEC 61557-12
Page 1 of 2
24 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
MFQ96021 Datasheet
NHP Electrical Engineering Products


Similar Part No. - MFQ96021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MFQ960C MOTOROLA-MFQ960C Datasheet
70Kb / 1P
Multiple Small-Signal Transistors
MFQ960P MOTOROLA-MFQ960P Datasheet
70Kb / 1P
Multiple Small-Signal Transistors
More results

Similar Description - MFQ96021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1481 LINER-LTC1481_1 Datasheet
155Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
LTC1481 LINER-LTC1481_15 Datasheet
165Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
logo
List of Unclassifed Man...
88980120 ETC2-88980120 Datasheet
709Kb / 2P
RS485 Modbus slave interfaces
logo
Weidmuller
2425500000 WEIDMULLER-2425500000 Datasheet
798Kb / 5P
ENERGY ANALYSER 550
2489780000 WEIDMULLER-2489780000 Datasheet
534Kb / 5P
ENERGY ANALYSER D550-24
logo
Schneider Electric
VW3A8306RC SCHNEIDER-VW3A8306RC Datasheet
144Kb / 2P
Modbus line terminator - for end of RS485 line - RJ45 connector
Apr 19, 2022
logo
NHP Electrical Engineer...
CE6DT1256 NHP-CE6DT1256 Datasheet
547Kb / 2P
ENERGY METER CONTOD6 DIRECT 3PH 400V 100A WITH RS485 MODBUS
24 June 2023,
IF96001 NHP-IF96001 Datasheet
1Mb / 3P
NEMO HD COMMS MODULE RS485
25 March 2023,
MF72421 NHP-MF72421 Datasheet
361Kb / 3P
METER M/F NEMO72LE RS485 MODBUS
10 October 2022,
MFD4421 NHP-MFD4421 Datasheet
743Kb / 3P
NEMO D4-LE PULSE RS485 MODBUS RTU/TCP
10 October 2022,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com