Electronic Components Datasheet Search
  English  ▼

X  

AD8560 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8560
Description  16 V Rail-to-Rail Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8560 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8560 Datasheet HTML 3Page - Analog Devices AD8560 Datasheet HTML 4Page - Analog Devices AD8560 Datasheet HTML 5Page - Analog Devices AD8560 Datasheet HTML 6Page - Analog Devices AD8560 Datasheet HTML 7Page - Analog Devices AD8560 Datasheet HTML 8Page - Analog Devices AD8560 Datasheet HTML 9Page - Analog Devices AD8560 Datasheet HTML 10Page - Analog Devices AD8560 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–7–
AD8560
REV. 0
FREQUENCY – Hz
1,000
100
1
10
10k
100
1k
10
TA = 25 C
4.5V
VS
16V
TPC 19. Voltage Noise Density vs. Frequency
FREQUENCY – Hz
100M
10M
1M
100k
10k
1k
100
180
140
120
100
80
60
40
20
0
20
TA = 25 C
4.5V < VS < 16V
160
TPC 20. Channel Separation vs. Frequency
LOAD CAPACITANCE – pF
100
90
0
10
1k
100
80
70
60
50
40
30
20
10
TA = 25 C
VS = 16V
VCM = 8V
VIN = 100mV p-p
AV = 1
RL = 10k
OS
+OS
TPC 21. Small Signal Overshoot vs. Load Capacitance
LOAD CAPACITANCE – pF
100
90
0
10
1k
100
80
70
60
50
40
30
20
10
TA = 25 C
VS = 4.5V
VCM = 2.25V
VIN = 100mV p-p
AV = 1
RL = 10k
OS
+OS
TPC 22. Small Signal Overshoot vs. Load Capacitance
SETTLING TIME –
s
15
10
15
02.0
0.5
1.0
1.5
5
0
5
10
TA = 25 C
VS = 8V
RL = 10k
OVERSHOOT SETTLING TO 0.1%
UNDERSHOOT SETTLING TO 0.1%
TPC 23. Settling Time vs. Step Size
TIME – 2 s/DIV
0
0
00
0
00
00
00
0
0
0
0
0
0
0
TA = 25 C
VS = 16V
AV = 1
RL = 10k
CL = 300pF
TPC 24. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com