Electronic Components Datasheet Search
  English  ▼

X  

AD8560 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8560
Description  16 V Rail-to-Rail Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8560 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8560 Datasheet HTML 4Page - Analog Devices AD8560 Datasheet HTML 5Page - Analog Devices AD8560 Datasheet HTML 6Page - Analog Devices AD8560 Datasheet HTML 7Page - Analog Devices AD8560 Datasheet HTML 8Page - Analog Devices AD8560 Datasheet HTML 9Page - Analog Devices AD8560 Datasheet HTML 10Page - Analog Devices AD8560 Datasheet HTML 11Page - Analog Devices AD8560 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
–9–
AD8560
REV. 0
APPLICATIONS
Theory of Operation
These buffers are designed to drive large capacitive loads in LCD
applications. Each has a high output current drive and rail-to-
rail input/output operation and can be powered from a single 16
V supply. They are also intended for other applications where low
distortion and high output current drive are needed.
Input Overvoltage Protection
As with any semiconductor device, whenever the input exceeds
either supply voltage, attention needs to be paid to the input
overvoltage characteristics. As an overvoltage occurs, the amplifier
could be damaged depending on the voltage level and the magnitude
of the fault current. When the input voltage exceeds either supply
by more than 0.6 V, internal pin junctions will allow current to
flow from the input to the supplies.
This input current is not inherently damaging to the device as
long as it is limited to 5 mA or less. If a condition exists using
the buffers where the input exceeds the supply by more than 0.6 V,
a series external resistor should be added. The size of the resistor
can be calculated by using the maximum overvoltage divided by
5 mA. This resistance should be placed in series with the input
exposed to an overvoltage.
Output Phase Reversal
The buffer family is immune to phase reversal. Although the device’s
output will not change phase, large currents due to input overvoltage
could damage the device. In applications where the possibility exists
of an input voltage exceeding the supply voltage, overvoltage protec-
tion should be used as described in the previous section.
Total Harmonic Distortion (THD+N)
The buffer family features low total harmonic distortion. The total
harmonic distortion plus noise for the buffer over the entire
supply range is below 0.08%. When the device is powered from
a 16 V supply, the THD + N stays below 0.03%. Figure 1 shows
the AD8560’s THD + N versus the frequency performance.
FREQUENCY – Hz
20
30k
100
1k
10k
10
1
0.01
0.1

VS = 2.5V
VS = 8V
Figure 1. THD + N vs. Frequency
Short Circuit Output Conditions
The buffer family does not have internal short circuit protection
circuitry. As a precautionary measure, do not short the output
directly to the positive power supply or to the ground.
It is not recommended to operate the AD8560 with more than
35 mA of continuous output current. The output current can be
limited by placing a series resistor at the output of the amplifier
whose value can be derived using the following equation:
R
V
mA
X
S
≥
35
For a 5 V single-supply operation, RX should have a minimum
value of 143
Ω.
Recommended Land Pattern for the AD8560
Figure 2 is a recommended land pattern for the AD8560 PCB
design. The recommended thermal pad size for the PCB design
matches the dimensions of the exposed pad on the bottom of
the package. The solder mask design for improved thermal pad
contact to the exposed pad and reliability uses a stencil pattern
for approximately 85% solder coverage. A minimum clearance
of 0.25 mm is maintained on the PCB between the outer edges
of the thermal pad and the inner edges of the pattern for the
land to avoid shorting. For better thermal performance, thermal
vias should also be used. Since the AD8560 is relatively a low
power part, just soldering the exposed package pad to the PCB
thermal pad should provide sufficient electrical performance.
0.65
SOLDER MASK
BOARD METALLIZATION
1.95
2.1
0.25
0.875
0.20
0.05
0.1
0.4
0.9
0.28
0.75
TYP 16 PL
SYMM CL
SYMM CL
Figure 2. 16-Lead 4 x 4 Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com