Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM411 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button AM411 Datasheet HTML 2Page - WOLFSPEED, INC. AM411 Datasheet HTML 3Page - WOLFSPEED, INC. AM411 Datasheet HTML 4Page - WOLFSPEED, INC. AM411 Datasheet HTML 5Page - WOLFSPEED, INC. AM411 Datasheet HTML 6Page - WOLFSPEED, INC. AM411 Datasheet HTML 7Page - WOLFSPEED, INC. AM411 Datasheet HTML 8Page - WOLFSPEED, INC. AM411 Datasheet HTML 9Page - WOLFSPEED, INC. AM411 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 6/10
www.analogmicro.de
APPLICATION INFORMATION
1. Functional Principle
AM411 is an integrated voltage amplifier / transmitter, which can be used for the signal-conditioning of differ-
ential voltage input signals. As shown in Figure 2 AM411 basically consists of three functional blocks:
1.
An instrumentation amplifier with an internal gain of GIA = 5 as input stage for a differential voltage
input signal. Using pin ZA the instrumentation amplifier’s offset voltage can be adjusted / increased
to accept negative differential voltage input signals.
1
2.
An operational amplifier as output stage, whose gain can be adjusted using two external resistors R1
and R2.
3.
A voltage reference generating a stable 5 V output, which is able to source up to 10 mA and can be
used to power external devices like microprocessors or sensors. It is essential to stabilize the refer-
ence voltage with an external ceramic capacitor C1. This capacitor has to be connected even if the
voltage reference is not used.
Furthermore AM411 has a multitude of integrated protection functions, which satisfy industrial needs:
•
AM411 is protected against reverse polarity (pin VCC at GND and pin GND at VCC)
•
AM411’s output is protected against short circuit (pin VOUT at GND or pin VOUT at VCC) by an inte-
grated current limitation.
•
The pins VOUT, VCC and GND are protected against permutation across the entire supply voltage
range without the need for any additional external components.
•
Except for the pins VOUT, VCC and GND all pins are protected by internal ESD diodes.
1 The pin ZA has to be connected to GND or to a voltage within V
ZA’s input range at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com