Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM411 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button AM411 Datasheet HTML 2Page - WOLFSPEED, INC. AM411 Datasheet HTML 3Page - WOLFSPEED, INC. AM411 Datasheet HTML 4Page - WOLFSPEED, INC. AM411 Datasheet HTML 5Page - WOLFSPEED, INC. AM411 Datasheet HTML 6Page - WOLFSPEED, INC. AM411 Datasheet HTML 7Page - WOLFSPEED, INC. AM411 Datasheet HTML 8Page - WOLFSPEED, INC. AM411 Datasheet HTML 9Page - WOLFSPEED, INC. AM411 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 10/10
www.analogmicro.de
PACKAGE AND PINOUT
The AM411’s standard packaging is a SO8 package (for dimensions please see the packaging catalog
http://www.analogmicro.de/products/analogmicro.de.en.package.pdf).
DELIVERY FORMS
AM411 is available as:
ORDER NUMBER
DELIVERY FORM
AM411-0-SO8
AM411 in an SO8(n) package
AM411-WAF
sawn 6“ wafer on blue foil
AM411-Adapt
AM411 soldered to an SO8-DIL8 adapter
FURTHER LITERATURE
1. Package catalog (see www.analogmicro.de)
2. AM411 – Die Size and Padout (on request)
3. AM411 Application Notes (see www.analogmicro.de)
NOTES
PIN
NAME
BESCHREIBUNG
1
IN+
Non-inverting instrumentation amplifier input
2
IN-
Inverting instrumentation amplifier input
3
GAIN
Gain adjustment
4
VOUT
Voltage output
5
VCC
Supply voltage
6
ZA
Zero adjust
7
GND
IC Ground
8
VREF
Reference voltage
Table 3: Pin assignment AM411 SO8 Package
Analog Microelectronics GmbH reserves the right to amend any dimensions, technical data or other information contained herein without prior notification.
Figure 4: Pinout AM402 SO8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com