Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 19 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 19 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. AM452 Datasheet HTML 17Page - WOLFSPEED, INC. AM452 Datasheet HTML 18Page - WOLFSPEED, INC. AM452 Datasheet HTML 19Page - WOLFSPEED, INC. AM452 Datasheet HTML 20Page - WOLFSPEED, INC. AM452 Datasheet HTML 21Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 19/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Using OP2 as a current source
The additional operational amplifier OP2 can easily be configured as a constant current
source. Using the circuitry shown in Figure 8 the following equation is generated:
S
S
BG
S
R
R
V
I
V
27
.
1
=
=
(14)
The bridge symbol is supposed to represent the component to be supplied with current (such
as a piezoresistive sensing element or a temperature sensor, for example).
Example
: A supply current of IS = 1mA is to be set. Using Equation (14) the below value is
accrued for external resistor RS, which determines the quantity of current:
Ω
=
=
=
k
27
.
1
mA
1
V
27
.
1
S
BG
S
I
V
R
Using OP2 as a voltage source
In addition to the integrated voltage reference OP2 can also be used to supply voltage to
external components such as A/D converters or microprocessors, for example. This permits
lower supply voltages of 3.3V, for example, to be generated. The following is derived from
the circuitry in Figure 9:


+
=


+
=
7
6
7
6
1
V
27
.
1
1
R
R
R
R
V
V
BG
CVREF
(15)
Example
:
A voltage of VCVREF = 3.3V is to be set. Using Equation (15) the following ratio is
provided for external resistors R6 and R7:
6
.
1
1
6
.
2
1
7
6
=
−
≈
−
=
BG
CVREF
V
V
R
R
Example values of R7 = 10kΩ and R6 = 16kΩ are accrued for the resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com