Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 15 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 15 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 11Page - WOLFSPEED, INC. AM452 Datasheet HTML 12Page - WOLFSPEED, INC. AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. AM452 Datasheet HTML 17Page - WOLFSPEED, INC. AM452 Datasheet HTML 18Page - WOLFSPEED, INC. AM452 Datasheet HTML 19Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 15/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Due to the algorithm upon which it is based the program also accounts for the spec. tolerances
of the IC and the components connected to it.
APPLICATIONS
Typical 3-wire application with a differential input signal
The aim of the calculation is the dimensioning of resistors R0 to R5.
In 3-wire operation (see Figure 6) the IC's connection to ground (pin 14 or GND) is connected
to the system ground (Ground) which is applied externally. System supply voltage VS is
connected to pin 10 or VCC and pin VCC to pin 11 or RS+. In this configuration AM452's
quiescent current does then not flow via resistor R0.
Figure 6 depicts the 3-wire application in which the differential output signal of a measuring
bridge supplied with current is amplified and converted. Power is supplied to the measuring
bridge by operational amplifier OP2 (c.f.: Using OP2 as a current source).
It is assumed in this application that no negative differential input voltages occur. Pin 13 (ZA)
is thus connected to the IC ground GND.
According to Equations (9) and (10) the following applies to output current IOUT:
SET
I
IN
OUT
I
R
G
V
I
+
=
0
8
mit
0
=
ZA
V
(11)
mit


+
=
=
2
1
1
5
R
R
G
G
G
GAIN
IA
I
und
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
(12)
Ground
V
S
I
OUT
R
1
R
2
R
3
R
4
C
1
R
0
T
1
D
1
R
5
R
L
R
SET
GND
V
BG
IA
14
13
11
16
9
Voltage Reference
1
OP1
3
4
2
AM452
OP2
5
12
8
10
15
V/I Converter
G
VI
7
3-wire-connection
G
SET
SET Stage
ZERO Stage
Figure 6: 3-wire application for differential input signals
Figure 6 illustrates a
typical 3-wire circuit
with a positive,
differential input
signal which can be
used for calibrated
sensing elements, for
example. The offset
current is set using the
SET stage and the full
scale via the gain at
OP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com