Electronic Components Datasheet Search
  English  ▼

X  

ADA4310 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4310
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4310 Datasheet HTML 2Page - Analog Devices ADA4310 Datasheet HTML 3Page - Analog Devices ADA4310 Datasheet HTML 4Page - Analog Devices ADA4310 Datasheet HTML 5Page - Analog Devices ADA4310 Datasheet HTML 6Page - Analog Devices ADA4310 Datasheet HTML 7Page - Analog Devices ADA4310 Datasheet HTML 8Page - Analog Devices ADA4310 Datasheet HTML 9Page - Analog Devices ADA4310 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4310-1
Rev. 0 | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
+VS 1
NC 2
OUT A 3
–IN A 4
+IN A 5
OUT B
10
–IN B
9
+IN B
8
PD1
7
PD0
6
Figure 5. 10-Lead MSOP Pin Configuration
NC = NO CONNECT
1
NC
2
−IN A
3
+IN A
4
GND
11 −IN B
12 NC
10 +IN B
9PD1
Figure 6. 16-Lead LFCSP Pin Configuration
Table 4. 10-Lead MSOP Pin Function Description
Pin No.
Mnemonic
Description
1
+VS
Positive Power Supply Input
2
NC
No Connection
3
OUT A
Amplifier A Output
4
−IN A
Amplifier A Inverting Input
5
+IN A
Amplifier A Noninverting Input
6
PD0
Power Dissipation Control
7
PD1
Power Dissipation Control
8
+IN B
Amplifier B Noninverting Input
9
−IN B
Amplifier B Inverting Input
10
OUT B
Amplifier B Output
11 (Exposed
Paddle)
GND
Ground (Electrical Connection
Required)
Table 5. 16-Lead LFCSP Pin Function Description
Pin No.
Mnemonic
Description
1, 5, 6, 12, 15
NC
No Connection
2
−IN A
Amplifier A Inverting Input
3
+IN A
Amplifier A Noninverting Input
4
GND
Ground
7
−VS
Negative Power Supply Input
8
PD0
Power Dissipation Control
9
PD1
Power Dissipation Control
10
+IN B
Amplifier B Noninverting Input
11
−IN B
Amplifier B Inverting Input
13
OUT B
Amplifier B Output
14
+VS
Positive Power Supply Input
16
OUT A
Amplifier A Output
17 (Exposed
Paddle)
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com