Electronic Components Datasheet Search
  English  ▼

X  

ADA4310 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4310
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4310 Datasheet HTML 8Page - Analog Devices ADA4310 Datasheet HTML 9Page - Analog Devices ADA4310 Datasheet HTML 10Page - Analog Devices ADA4310 Datasheet HTML 11Page - Analog Devices ADA4310 Datasheet HTML 12Page - Analog Devices ADA4310 Datasheet HTML 13Page - Analog Devices ADA4310 Datasheet HTML 14Page - Analog Devices ADA4310 Datasheet HTML 15Page - Analog Devices ADA4310 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADA4310-1
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA-T
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.00
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
TOP
VIEW
BOTTOM VIEW
EXPOSED
PAD
SQ
2.50
0.75
Figure 22. 10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
(RH-10)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
2.25
2.10 SQ
1.95
16
5
13
8
9
12
1
4
1.95 BSC
PIN 1
INDICATOR
TOP
VIEW
4.00
BSC SQ
3.75
BSC SQ
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
12° MAX
1.00
0.85
0.80
SEATING
PLANE
0.35
0.30
0.25
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.20 REF
0.65 BSC
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.25 MIN
0.75
0.60
0.50
Figure 23. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Package
Package Description
Package
Option
Branding
ADA4310-1ARHZ-RL1
−40°C to +85°C
10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
RH-10
0L
ADA4310-1ARHZ-R71
−40°C to +85°C
10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
RH-10
0L
ADA4310-1ARHZ1
−40°C to +85°C
10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
RH-10
0L
ADA4310-1ACPZ-RL1
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
ADA4310-1ACPZ-R21
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
ADA4310-1ACPZ-R71
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com