Electronic Components Datasheet Search
  English  ▼

X  

FKD3014 Datasheet(PDF) 4 Page - FETek Technology Corp.

Part # FKD3014
Description  N-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKD3014 Datasheet(HTML) 4 Page - FETek Technology Corp.

  FKD3014 Datasheet HTML 1Page - FETek Technology Corp. FKD3014 Datasheet HTML 2Page - FETek Technology Corp. FKD3014 Datasheet HTML 3Page - FETek Technology Corp. FKD3014 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKD3014
N-Ch 30V Fast Switching MOSFETs
44
10
100
1000
10000
1
5
9
13
17
21
25
VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
1000.00
0.1
1
10
100
1000
VDS (V)
10us
1ms
10ms
100ms
DC
TC=25℃
Single Pulse
100us
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
PDM
D = TON/T
TJpeak = TC+PDMXRθJC
TON
T
0.02
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
IAS
VGS
BVDSS
VDD
EAS=
1
2
L x IAS
2 x
BVDSS
BVDSS-VDD
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
FFFwaveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com