Electronic Components Datasheet Search
  English  ▼

X  

CLC031 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 22Page - National Semiconductor (TI) CLC031 Datasheet HTML 23Page - National Semiconductor (TI) CLC031 Datasheet HTML 24Page - National Semiconductor (TI) CLC031 Datasheet HTML 25Page - National Semiconductor (TI) CLC031 Datasheet HTML 26Page - National Semiconductor (TI) CLC031 Datasheet HTML 27Page - National Semiconductor (TI) CLC031 Datasheet HTML 28Page - National Semiconductor (TI) CLC031 Datasheet HTML 29Page - National Semiconductor (TI) CLC031 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Device Operation (Continued)
TABLE 6. Control Register Bit, Pin[n] SEL[5:0] Codes for I/O Port Pin Mapping
Register Bit
Pin[n] SEL[5:0] Codes
I/P or
O/P
Power-On Status
[5]
[4]
[3]
[2]
[1]
[0]
HEX
reserved
000000
00
O/P
FF Flag Error
000001
01
O/P
AP Flag Error
000010
02
O/P
ANC Flag Error
000011
03
O/P
CRC Error (SD/HD)
000100
04
O/P
I/O Port Bit 5
Addresses 05h and 06h are reserved
ANC FIFO 90% FULL
000111
07
O/P
SHORT MSG DETECT
001000
08
O/P
FULL MSG AVAIL
001001
09
O/P
Addresses 0Ah through 0Ch are reserved
SAV
001101
0D
O/P
EAV
001110
0E
O/P
I/O Port Bit 7
NSP
001111
0F
O/P
CRC Luma Error
010000
10
O/P
CRC Chroma Error
010001
11
O/P
F
010010
12
O/P
I/O Port Bit 0
V
010011
13
O/P
I/O Port Bit 1
H
010100
14
O/P
I/O Port Bit 2
Format[0]
010101
15
O/P
Format[1]
010110
16
O/P
Format[2]
010111
17
O/P
Format[3]
011000
18
O/P
Format[4]
011001
19
O/P
I/O Port Bit 3 (SD/HD)
FIFO Full
011010
1A
O/P
FIFO Empty
011011
1B
O/P
I/O Port Bit 6
Lock Detect
011100
1C
O/P
I/O Port Bit 4
Pass/Fail
011101
1D
O/P
FIFO Overrun
011110
1E
O/P
ANC Chksum Error
011111
1F
O/P
EDH Force
100000
20
I/P
Test Pattern Select[0]
100001
21
I/P
Test Pattern Select[1]
100010
22
I/P
Test Pattern Select[2]
100011
23
I/P
Test Pattern Select[3]
100100
24
I/P
Test Pattern Select[4]
100101
25
I/P
Test Pattern Select[5]
100110
26
I/P
EDH Enable
100111
27
I/P
TPG Enable
101000
28
I/P
Addresses 29h through 2Bh are reserved
VPG Filter Enable
101100
2C
I/P
De-Dither Enable
101101
2D
I/P
Framing Enable
101110
2E
I/P
FIFO Extract Enable
101111
2F
I/P
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com