Electronic Components Datasheet Search
  English  ▼

X  

85EPS08 Datasheet(PDF) 2 Page - International Rectifier

Part # 85EPS08
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPS08 Datasheet(HTML) 2 Page - International Rectifier

  85EPS08 Datasheet HTML 1Page - International Rectifier 85EPS08 Datasheet HTML 2Page - International Rectifier 85EPS08 Datasheet HTML 3Page - International Rectifier 85EPS08 Datasheet HTML 4Page - International Rectifier 85EPS08 Datasheet HTML 5Page - International Rectifier 85EPS08 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
85EPS.. SAFE
IR Series
Bulletin I2139 rev. C 10/02
www.irf.com
I
F(AV)
Max.AverageForwardCurrent
85
A
@T
C
=95°C,180°conductionhalfsinewave
I
F(RMS)
Max.RMS ForwardCurrent
160
A
I
FSM
Max.PeakOneCycleNon-Repetitive
1400
10ms Sine pulse, rated VRRMapplied
SurgeCurrent
1500
10ms Sine pulse, no voltage reapplied
I
2t
Max. I
2t for fusing
10500
10ms Sine pulse, rated V
RRM
applied
9550
10ms Sine pulse, no voltage reapplied
I
2
√t Max. I2√t for fusing
105000
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
T
J
Max.JunctionTemperatureRange
-40to150
°C
T
stg
Max.StorageTemperatureRange
-40to150
°C
R
thJC
Max.ThermalResistanceJunction
0.35
°C/W
DCoperation
toCase
R
thJA
Max.ThermalResistanceJunction
40
°C/W
toAmbient
R
thCS
TypicalThermalResistance,Caseto
0.2
°C/W
Mountingsurface,smoothandgreased
Heatsink
wt
ApproximateWeight
6(0.21)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
Case Style
PowIRtabTM
Thermal-Mechanical Specifications
Parameters
85EPS..
Units
Conditions
Kg-cm
(Ibf-in)
Voltage Ratings
Part Number
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
85EPS08
800
900
85EPS12
1200
1300
V
FM
Max. Forward Voltage Drop
1.15
V
@ 85A, T
J
= 25°C
r
t
Forward slope resistance
3.17
m
Ω
VF(TO) Threshold voltage
0.86
V
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
3.0
TJ = 150 °C
Electrical Specifications
Parameters
85EPS..
Units
Conditions
T
J
= 150°C
V
R
= rated V
RRM
mA
Absolute Maximum Ratings
Parameters
85EPS..
Units
Conditions
A
A
2s
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com