Electronic Components Datasheet Search
  English  ▼

X  

85EPS08 Datasheet(PDF) 3 Page - International Rectifier

Part # 85EPS08
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPS08 Datasheet(HTML) 3 Page - International Rectifier

  85EPS08 Datasheet HTML 1Page - International Rectifier 85EPS08 Datasheet HTML 2Page - International Rectifier 85EPS08 Datasheet HTML 3Page - International Rectifier 85EPS08 Datasheet HTML 4Page - International Rectifier 85EPS08 Datasheet HTML 5Page - International Rectifier 85EPS08 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
85EPS.. SAFE
IR Series
Bulletin I2139 rev. C 10/02
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig.5-ForwardVoltageDropCharacteristics
0
20
40
60
80
100
120
140
0
20406080
100
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
85EPS.. Series
T = 150°C
J
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80
100 120 140
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
85EPS.. Series
T = 150°C
J
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
85EPS.. Series
70
80
90
100
110
120
130
140
150
0
20
40
60
80
100
30°
60° 90°
120°
180°
Conduction Angle
Average Forward Current (A)
85EPS.. Series
R
(DC) = 0.35 °C/W
thJC
70
80
90
100
110
120
130
140
150
0
20
406080
100 120 140
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
85EPS.. Series
R
(DC) = 0.35 °C/W
thJC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com