Electronic Components Datasheet Search
  English  ▼

X  

DG2017DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2017DN
Description  Low-Voltage, Low ON, Dual DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017DN Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2017DN Datasheet HTML 1Page - Vishay Siliconix DG2017DN Datasheet HTML 2Page - Vishay Siliconix DG2017DN Datasheet HTML 3Page - Vishay Siliconix DG2017DN Datasheet HTML 4Page - Vishay Siliconix DG2017DN Datasheet HTML 5Page - Vishay Siliconix DG2017DN Datasheet HTML 6Page - Vishay Siliconix DG2017DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IN1, IN2
NO4
COM2
NO2
NC3
IN3, IN4
NC1
COM4
1
2
3
12
11
10
49
56
8
16
15
14
13
NC2
GND
NO3 COM3
COM1 NO1
V+
NC4
Top View
QFN-16 (4 X 4)
7
DG2017
Vishay Siliconix
New Product
Document Number: 72228
S-31067—Rev. A, 26-May-03
www.vishay.com
1
Low-Voltage, Low rON, Dual DPDT Analog Switch
FEATURES
D Low Voltage Operation (2.0 V to 5.5 V)
D Low On-Resistance @ 2.7 V - rON:
SW1, SW2 - 3.2 W
SW3, SW4 - 0.64 W
D Fast Switching:
tON = 46 ns
tOFF = 21 ns
D QFN-16 (4x4 mm) Package
BENEFITS
D Space Saving Solution
D Low Power Consumption
D Guaranteed Low Voltage Operation
D Low Voltage Logic Compatible
APPLICATIONS
D Cellular Phones
D Integrated Speaker Switching
D Audio and Video Signal Routing
D PCMCIA Cards
D Battery Operated Systems
DESCRIPTION
The DG2017 is a dual DPDT (double-pole/double-throw),
optimized for high performance analog switching, and
specifically designed to benefit portable audio applications.
One pair of double-throw switches is sub 1
W for low
impedance speaker performance while the second pair of
double-throw switches is suitable for microphone applications.
With the DPDT configuration, the DG2017 provides the
flexibility for stereo-single-end or differential BTL output
structures with a fully integrated differential microphone
switching solution.
The DG2017 is an integrated monolithic device in a QFN-16
(4 x 4 mm) package that provides a space saving solution over
the use of multiple single SPDT devices as well as providing
the advantage of on-resistance flatness and matching that
single SPDT devices cannot offer.
The DG2017 provides low charge injection (2 pC), fast
switching time (tON and tOFF less than 100 ns), excellent
Off-Isolation and Crosstalk (–70 dB @ 100 kHz).
During
operation, continuous current through any or all switches is
rated at
"200 mA, ideal for portable audio applications.
Built on Vishay Siliconix’s low voltage CMOS process, the
DG2017 contains an epitaxial layer that prevents latchup.
Break-before-make is guaranteed. When on, each switch
conducts equally well in both directions, and block up to the
power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
NC1, 2, 3 and 4
NO1, 2, 3 and 4
0
ON
OFF
1
OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
-40 to 85
°C
16-Pin QFN (4 x 4 mm)
DG2017DN


Similar Part No. - DG2017DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2017DN-T1-E4 VISHAY-DG2017DN-T1-E4 Datasheet
188Kb / 11P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
DG2017DN-T1-E4 VISHAY-DG2017DN-T1-E4 Datasheet
143Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
More results

Similar Description - DG2017DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
Low-Voltage, Low rON, Dual DPDT Analog Switch
03-Mar-03
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
26-Feb-07
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
07-Nov-05
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
Low-Voltage, Low rON, Dual DPDT Analog Switch
30-Apr-07
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
28-Feb-11
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Vishay Siliconix
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
10-Mar-14
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com