Electronic Components Datasheet Search
  English  ▼

X  

DG2017DN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2017DN
Description  Low-Voltage, Low ON, Dual DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017DN Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2017DN Datasheet HTML 1Page - Vishay Siliconix DG2017DN Datasheet HTML 2Page - Vishay Siliconix DG2017DN Datasheet HTML 3Page - Vishay Siliconix DG2017DN Datasheet HTML 4Page - Vishay Siliconix DG2017DN Datasheet HTML 5Page - Vishay Siliconix DG2017DN Datasheet HTML 6Page - Vishay Siliconix DG2017DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DG2017
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72228
S-31067—Rev. A, 26-May-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
- 60
- 40
- 20
0
20
40
60
80
100
10
10 K
100 K
10 M
100
1 K
1 M
10 mA
1 mA
100
mA
10
mA
1
mA
10 nA
100 nA
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
1234
5
rON vs. VCOM and Single Supply Voltage
VCOM - Analog Voltage (V)
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
0
1234
5
rON vs. VCOM and Single Supply Voltage
VCOM - Analog Voltage (V)
10
10000
Supply Current vs. Temperature
Temperature (
_C)
100
1000
V+ = 3 V
T = 25
_C
SW1 & SW2
IS=10 mA
V+ = 5.0 V
VIN = 0 V
100 nA
1 nA
V+ = 5.0 V
V+ = 3.3 V
V+ = 2.7 V
V+ = 2.3 V
T = 25
_C
SW3 & SW4
V+ = 5.0 V, IS = 100 mA
V+ = 3.3 V, IS = 100 mA
V+ = 2.7 V, IS = 100 mA
V+ = 2.3 V, IS = 50 mA
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
1234
5
VCOM - Analog Voltage (V)
V+ = 5.0 V
V+ = 2.7 V
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
0
1234
5
VCOM - Analog Voltage (V)
SW3 and SW4
rON vs. Analog Voltage and Temperature
rON vs. Analog Voltage and Temperature
85
_ C
25
_ C
-40
_ C
85
_ C
25
_ C
-40
_ C
SW1 and SW2
V+ = 5.0 V
85
_ C
25
_ C
-40
_ C
V+ = 2.7 V
85
_ C
25
_ C
-40
_ C
V+ = 3.0 V
VIN = 0 V
IS=10 mA
IS=100 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com