Electronic Components Datasheet Search
  English  ▼

X  

TMF8701 Datasheet(PDF) 18 Page - ams AG

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Datasheet(HTML) 18 Page - ams AG

Back Button TMF8701 Datasheet HTML 14Page - ams AG TMF8701 Datasheet HTML 15Page - ams AG TMF8701 Datasheet HTML 16Page - ams AG TMF8701 Datasheet HTML 17Page - ams AG TMF8701 Datasheet HTML 18Page - ams AG TMF8701 Datasheet HTML 19Page - ams AG TMF8701 Datasheet HTML 20Page - ams AG TMF8701 Datasheet HTML 21Page - ams AG TMF8701 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Datasheet, Public
Page 17
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Detailed Description
Typical Optical Characteristics
VCSEL Field of Illumination (FOI): 21° Full width from 5% of
maximum up to maximum
: 19° 1/e²
TOF Sensor Field of View (FOV ): 37° FWHM – in proximity mode
: 24° FWHM – in distance mode
This Rx SPAD FoV angular response simulates the TMF8701
operation in proximity mode based on the entire SPAD array.
The Rx SPAD FoV angular response is reduced when the
TMF8701 operates in distance mode since the SPAD array is
reduced. This helps to improve ambient light tolerance.
Figure 20:
FOI/FOV of TMF8701
Filter Characteristics
FWHM: 56nm
Passband Center Frequency: 940nm
Min. Stopband Frequency: 350nm
Max. Stopband Frequency: 1100nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com