Electronic Components Datasheet Search
  English  ▼

X  

TMF8701 Datasheet(PDF) 37 Page - ams AG

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Datasheet(HTML) 37 Page - ams AG

Back Button TMF8701 Datasheet HTML 33Page - ams AG TMF8701 Datasheet HTML 34Page - ams AG TMF8701 Datasheet HTML 35Page - ams AG TMF8701 Datasheet HTML 36Page - ams AG TMF8701 Datasheet HTML 37Page - ams AG TMF8701 Datasheet HTML 38Page - ams AG TMF8701 Datasheet HTML 39Page - ams AG TMF8701 Datasheet HTML 40Page - ams AG TMF8701 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Page 36
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
Figure 71:
OBJECT_HITS_2 Register
Figure 72:
OBJECT_HITS_3 Register
Calibration and Algorithm State Data Exchange
These registers shall be pre-loaded by the host before
command=0x02 or 0x0B is executed
Figure 73:
FACTORY_CALIB_0 Register
Figure 74:
FACTORY_CALIB_1 Register
0x39: OBJECT_HITS_2
Field
Name
Reset
Type
Description
7:0
object_hits[23:16]
0
RO
Sum of the reference SPADs hits during the
distance measurement; zero if no object is
detected or distance algorithm is no used
0x3a: OBJECT_HITS_3
Field
Name
Reset
Type
Description
7:0
object_hits[31:24]
0
RO
Sum of the reference SPADs hits during the
distance measurement; zero if no object is
detected or distance algorithm is no used
0x20: FACTORY_CALIB_0
Field
Name
Reset
Type
Description
7:0
factory_calib_0
0
RW
Factory calibration data
bits[3:0] are format revision
bits[7:4] are bits [3:0] of crosstalk measurement
0x21: FACTORY_CALIB_1
Field
Name
Reset
Type
Description
7:0
factory_calib_1
0
RW
Factory calibration data
bits[11:4] of crosstalk measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com