Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 61Page - NXP Semiconductors LPC82X Datasheet HTML 62Page - NXP Semiconductors LPC82X Datasheet HTML 63Page - NXP Semiconductors LPC82X Datasheet HTML 64Page - NXP Semiconductors LPC82X Datasheet HTML 65Page - NXP Semiconductors LPC82X Datasheet HTML 66Page - NXP Semiconductors LPC82X Datasheet HTML 67Page - NXP Semiconductors LPC82X Datasheet HTML 68Page - NXP Semiconductors LPC82X Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.5 — 7 February 2023
65 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
13.3 Comparator and internal voltage reference
Table 24. Internal voltage reference static and dynamic characteristics
Tamb = 40 C to +105 C; VDD = 3.3 V; hysteresis disabled in the comparator CTRL register.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO
output voltage Tamb = 25 C to 105C
860
-
940
mV
Tamb = 25 C
904
mV
VDD = 3.3 V; characterized through bench measurements on typical samples.
Fig 40. Typical internal voltage reference output voltage
aaa-014424
-40
-10
20
50
80
110
0.890
0.895
0.900
0.905
0.910
temperature (°C)
Vref
ref
VO
(mV)
(mV)
(V)
Table 25. Comparator characteristics
Tamb = 40 C to +105 C unless noted otherwise; VDD = 1.8 V to 3.6 V.
Symbol Parameter
Conditions
Min Typ
Max
Unit
Static characteristics
Vref(cmp)
comparator reference
voltage
pin PIO0_6/VDDCMP configured for
function VDDCMP
1.5
-
3.6
V
IDD
supply current
VP > VM; Tamb = 25
°C; VDD = 3.3 V [2]
-
90
-
A
VM > VP; Tamb = 25
°C; VDD = 3.3 V [2]
-
60
-
A
VIC
common-mode input voltage
0
-
VDD
V
DVO
output voltage variation
0
-
VDD
V
Voffset
offset voltage
VIC = 0.1 V; VDD = 2.4 V; Tamb = 105
°C [2]
-
+/- 4
-
mV
VIC = 1.5 V; VDD = 2.4 V; Tamb = 105
°C [2]
-
+/- 2
-
mV
VIC = 2.9 V; VDD = 2.4 V; Tamb = 105
°C [2]
-
+/- 4
-
mV
Dynamic characteristics
tstartup
start-up time
nominal process; VDD = 3.3 V; Tamb =
25
°C
-
13
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com