Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 67Page - NXP Semiconductors LPC82X Datasheet HTML 68Page - NXP Semiconductors LPC82X Datasheet HTML 69Page - NXP Semiconductors LPC82X Datasheet HTML 70Page - NXP Semiconductors LPC82X Datasheet HTML 71Page - NXP Semiconductors LPC82X Datasheet HTML 72Page - NXP Semiconductors LPC82X Datasheet HTML 73Page - NXP Semiconductors LPC82X Datasheet HTML 74Page - NXP Semiconductors LPC82X Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.5 — 7 February 2023
71 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
14.4 Termination of unused pins
Table 30 shows how to terminate pins that are
not used in the application. In many cases,
unused pins may should be connected externally or configured correctly by software to
minimize the overall power consumption of the part.
(1) See Section 14.1 “XTAL input” for the values of C1 and C2.
(2) Position the decoupling capacitors of 0.1 μF and 0.01 μF as close as possible to the VDD pin. Add one set of decoupling
capacitors to each VDD pin.
(3) Position the decoupling capacitors of 0.1 μF as close as possible to the VREFN and VDD pins. The 10 μF bypass capacitor
filters the power line. Tie VREFP to VDD if the ADC is not used. Tie VREFN to VSS if ADC is not used.
(4) Uses the ARM 10-pin interface for SWD.
(5) When measuring signals of low frequency, use a low-pass filter to remove noise and to improve ADC performance. Also see
Ref. 4.
Fig 43. Power, clock, and debug connections
SWDIO/PIO0_2
SWCLK/PIO0_3
RESET/PIO0_5
VSS
PIO0_12
ADC_0
PIO0_8/XTALIN
PIO0_9/XTALOUT
VDD
VREFP
PIO0_6/ADC_1/VDDCMP
VREFN
LPC82x
3.3 V
3.3 V
DGND
DGND
DGND
DGND
1
3
5
7
9
2
4
6
8
10
Note 4
Note 5
Note 5 (ADC_1),
Note 3 (VDDCMP)
C1
C2
Note 1
DGND
DGND
Note 2
Note 3
0.01 μF
0.1 μF
3.3 V
AGND
AGND
AGND
10 μF
0.1 μF
0.1 μF
ISP select pin
n.c.
n.c.
n.c.
SWD connector
3.3 V
~10 kΩ - 100 kΩ
~10 kΩ - 100 kΩ
aaa-015073



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com