Electronic Components Datasheet Search
  English  ▼

X  

DG9053 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9053
Description  Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9053 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9053 Datasheet HTML 1Page - Vishay Siliconix DG9053 Datasheet HTML 2Page - Vishay Siliconix DG9053 Datasheet HTML 3Page - Vishay Siliconix DG9053 Datasheet HTML 4Page - Vishay Siliconix DG9053 Datasheet HTML 5Page - Vishay Siliconix DG9053 Datasheet HTML 6Page - Vishay Siliconix DG9053 Datasheet HTML 7Page - Vishay Siliconix DG9053 Datasheet HTML 8Page - Vishay Siliconix DG9053 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 73410
S-52072-Rev. A, 10-Oct-05
Vishay Siliconix
DG9051/9052/9053
New Product
X = Don’t care
TRUTH TABLE
Enable
Input
Select Inputs
On Switches
C*
B
A
DG9051
DG9052
DG9053
H
X
X
X
All switches open
All switches open
All switches open
L
L
L
L
X – X0
X – X0,
Y – Y0
X – X0,
Y – Y0,
Z – Z0
L
L
L
H
X – X1
X – X1,
Y – Y1
X – X1,
Y – Y0,
Z – Z0
L
L
H
L
X – X2
X – X2,
Y – Y2
X – X0,
Y – Y1,
Z – Z0
L
L
H
H
X – X3
X – X3,
Y – Y3
X – X1,
Y – Y1,
Z – Z0
L
H
L
L
X – X4
X – X0,
Y – Y0
X – X0,
Y – Y0,
Z– Z1
L
H
L
H
X – X5
X – X1,
Y – Y1
X – X1,
Y – Y0,
Z – Z1
L
H
H
L
X – X6
X – X2,
Y – Y2
X – X0,
Y – Y1,
Z – Z1
L
H
H
H
X – X7
X – X3,
Y – Y3
X – X1,
Y – Y1,
Z – Z1
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Voltage Referenced to V–
V+
13.5
V
GND
7
Digital Inputsa
VS, VD
(V–) –0.3 to (V+) +0.3
Current (Any Terminal Except S or D)
30
mA
Continuous Current, S or D
100
Peak Current, S or D (Pulsed at 1 ms, 10 % Duty Cycle Max)
200
Package Solder Reflow Conditionsb
IR/Convection
260
°C
Storage Temperature
–65 to 150
Power Dissipation (Packages)c
TA = 70 °C, TSSOP-16
d
925
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com